Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1432 Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G1432
Description  2W Stereo Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1432 Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G1432 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1432 Datasheet HTML 11Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Ver: 1.1
Jun 21, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G1432
Global Mixed-mode Technology Inc.
Figure 18
Supply Ripple Rejection
Ratio vs Frequency
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=3.3V
Po=0.75W
RL=4Ω
BTL
L to R
R to L
Figure 21
-100
-20
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
Po=1.5W
RL=4Ω
BTL
L to R
R to L
Figure 19
Supply Ripple Rejection
Ratio vs Frequency
Crosstalk vs Frequency
Crosstalk vs Frequency
10u
100u
20u
30u
40u
50u
60u
70u
80u
90u
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=3.3V
RL=4Ω
BW=22Hz to 22kHz
A- Weighted Filter
Output Noise Voltage
vs Frequency
Figure 17
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
VDD=5V
RL=4Ω
CB=4.7µF
Figure 22
Figure 20
Closed Loop Response
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
VDD=5V
RL=4Ω
CB=4.7µF


Similar Part No. - G1432

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
   2.6W Stereo Audio Amplifier
More results

Similar Description - G1432

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com