Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G957T65UF Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G957T65UF
Description  1.5V 1A Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G957T65UF Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G957T65UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G957T65UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 1.2
Jan 02, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G957
Global Mixed-mode Technology Inc.
Package Information
TO-220 (T3) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
4.318
4.826
0.170
0.190
A1
2.46
2.72
0.097
0.107
b
0.69
0.94
0.027
0.037
b1
1.143
1.397
0.045
0.055
C
0.304
0.460
0.012
0.018
D
3.429
3.683
0.135
0.145
D1
8.53
9.04
0.336
0.356
d
2.62
2.87
0.103
0.113
E
9.906
10.40
0.390
0.410
E1
4.953
5.22
0.195
0.206
DIA
3.708
3.962
0.146
0.156
e
2.29
2.79
0.090
0.110
e1
4.83
5.33
0.190
0.210
F
1.143
1.397
0.045
0.055
L
13.589
14.351
0.535
0.565
I
3.56
4.06
0.140
0.16
E
DIA
E1
E1
D
d
I
L
e
b
b1
e1
A
F
D1
C
A1
E
DIA
E1
E1
D
d
I
L
e
b
b1
e1
A
F
D1
C
A1


Similar Part No. - G957T65UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
   USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
More results

Similar Description - G957T65UF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G915 GMT-G915_15 Datasheet
40Kb / 1P
   1.5V 600mA Low Dropout Regulator
G915 GMT-G915 Datasheet
222Kb / 5P
   1.5V 600mA Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS5207-2 CHERRY-CS5207-2 Datasheet
128Kb / 5P
   7A, 1.5V Fixed Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Global Mixed-mode Techn...
G915 GMT-G915_07 Datasheet
282Kb / 7P
   1.5V 600mA Low Dropout Regulator
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com