Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1430 Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G1430
Description  2W Stereo Audio Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1430 Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G1430 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G1430 Datasheet HTML 14Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs OUTPUT POWER
vs OUTPUT FREQUENCY
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs OUTPUT FREQUENCY
vs OUTPUT POWER
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
1
2m
5m
10m
20m
50m
100m
200m
500m
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
200m
2m
5m
10m
20m
50m
100m
W
VDD=5V
RL=8Ω
SE
VDD=5V
RL=8Ω
SE
Po=0.25W
1kHz
20kHz
100Hz
Av=-1V/V
Av=-4V/V
Av=-2V/V
VDD=5V
RL=8Ω
SE
Av=-2
Po=0.05W
Po=0.1W
Po=0.25W
VDD=5V
RL=32Ω
SE
1kHz
20Hz
20kHz
Figure 19
Figure 20
Figure 21
Figure 22
Global Mixed-mode Technology Inc.
G1430
10
Ver: 1.0
Jan 15, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw


Similar Part No. - G1430

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
380Kb / 14P
   2W Stereo Audio Amplifier
G1431F2U GMT-G1431F2U Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
G1431F2U GMT-G1431F2U Datasheet
380Kb / 14P
   2W Stereo Audio Amplifier
G1431R9U GMT-G1431R9U Datasheet
380Kb / 14P
   2W Stereo Audio Amplifier
More results

Similar Description - G1430

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1420 GMT-G1420 Datasheet
377Kb / 20P
   2W Stereo Audio Amplifier
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com