Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G957T35T Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G957T35T
Description  1.5V 1A Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G957T35T Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G957T35T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G957T35T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver: 1.2
Jan 02, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G957
Global Mixed-mode Technology Inc.
TO-252 (T4) Package
MILLIMETERS
INCHES
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
2.19
2.38
0.086
0.094
A1
0.89
1.14
0.035
0.045
b
0.64
0.88
0.025
0.035
b1
0.76
1.14
0.030
0.045
b2
5.21
5.46
0.205
0.215
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.244
E
6.35
6.73
0.250
0.265
E1
MIN 4.32
MIN 0.170
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40
10.42
0.370
0.410
L
0.51
-----
0.020
-----
L1
0.64
1.02
0.025
0.040
L2
0.88
1.27
0.035
0.050
L3
1.15
1.52
0.045
0.060
b2
E
L2
D
L1
L3
b
b1
e
e1
E1
H
A
c
c1
A1
L
Seating
Plane
BACK VIEW Z-Z
b2
E
L2
D
L1
L3
b
b1
e
e1
E1
H
A
c
c1
A1
L
Seating
Plane
BACK VIEW Z-Z


Similar Part No. - G957T35T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
   2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
   2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
   USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
   Dev Board
Version 1.6
More results

Similar Description - G957T35T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G915 GMT-G915_15 Datasheet
40Kb / 1P
   1.5V 600mA Low Dropout Regulator
G915 GMT-G915 Datasheet
222Kb / 5P
   1.5V 600mA Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS5207-2 CHERRY-CS5207-2 Datasheet
128Kb / 5P
   7A, 1.5V Fixed Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Global Mixed-mode Techn...
G915 GMT-G915_07 Datasheet
282Kb / 7P
   1.5V 600mA Low Dropout Regulator
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com