Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1594B-50CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1594B-50CS
Description  1A STEP-DOWN PWM REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1594B-50CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1594B-50CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1594B-50CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1594B-50CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1594B-50CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1594B-50CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1594B-50CS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1594
1A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1594-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2
! ORDERING INFORMATION

PACKAGE TYPE
M: TO263-5
N: DIP8
S: SO8
T: TO220-5
OUTPUT VOLTAGE
DEFAULT: Adj.
25: 2.5V
33: 3.3V
50: 5.0V
12: 12.0V
FREQUENCY VERSION
A: 150KHZ
B: 300KHZ
ORDER NUMBER
PIN CONFIGURATION
AIC1594X- XXCX
AIC1594A(B)CM
AIC1594A(B)-25CM
AIC1594A(B)-33CM
AIC1594A(B)-50CM
AIC1594A(B)-12CM
(TO263-5)
FRONT VIEW
1: IN
2. OUT
3. GND
4. FB
5. SHDN
1234 5
AIC1594A(B)CT
AIC1594A(B)-25CT
AIC1594A(B)-33CT
AIC1594A(B)-50CT
AIC1594A(B)-12CT
(TO220-5
)
123 45
FRONT VIEW
1: IN
2. OUT
3. GND
4. FB
5.
SHDN
AIC1594A(B)CN
AIC1594A(B)-25CN
AIC1594A(B)-33CN
AIC1594A(B)-50CN
AIC1594A(B)-12CN
(DIP8)
TOP VIEW
GND
SHDN
FB
GND
IN
OUT
OUT
IN 1
3
4
2
8
6
5
7
AIC1594A(B)CS
AIC1594A(B)-25CS
AIC1594A(B)-33CS
AIC1594A(B)-50CS
AIC1594A(B)-12CS
(SO8)
! ABSOLUTE MAXIMUM RATINGS
Supply Voltage
……………..……………......……………............…………….................36V
FB, SHDN Pin Input Voltage ……………..……………......…………………….................25V
Operating Temperature Range …….…………...............…………….………....... 0
°C ~ 70°C
Storage Temperature Range ……...................……..…….…………………. –65
°C ~ 150°C
! TEST CIRCUIT
Refer to Typical Application Circuit.


Similar Part No. - AIC1594B-50CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CM AIC-AIC1595A-12CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CT AIC-AIC1595A-12CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CM AIC-AIC1595A-25CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CT AIC-AIC1595A-25CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1594B-50CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
logo
Linear Technology
LTC3637 LINER-LTC3637 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Analog Intergrations Co...
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com