Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1594B-12CM Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1594B-12CM
Description  1A STEP-DOWN PWM REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1594B-12CM Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1594B-12CM Datasheet HTML 1Page - Analog Intergrations Corporation AIC1594B-12CM Datasheet HTML 2Page - Analog Intergrations Corporation AIC1594B-12CM Datasheet HTML 3Page - Analog Intergrations Corporation AIC1594B-12CM Datasheet HTML 4Page - Analog Intergrations Corporation AIC1594B-12CM Datasheet HTML 5Page - Analog Intergrations Corporation AIC1594B-12CM Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AIC1594
1A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1594-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
4
! PIN DESCRIPTIONS
TO-220-5, TO-263-5
PIN 1: IN
Supply
voltage
input
for
the
IC
switching regulator. A suitable input
bypass capacitor must be present at
this pin to minimize voltage transients
and to supply the switching currents
needed by the regulator.
PIN 2:OUT
Internal switch. The voltage at this pin
switches between ( VIN-VSAT) and
approximately –0.5V, with a duty cycle
of approximately VOUT/VIN.
PIN 3: GND
Ground requires a short, low noise
connection
to
ensure
good
load
regulation.
PIN 4: FB
Feedback input for fixed-output or
adjustable-output version. Connect di-
rectly to output for fixed operation
version or to a resistor divider for ad-
justable operation versions.
PIN 5: SHDN
Allows the switching regulator circuit
to be shutdown using logic level sig-
nals thus dropping the total input sup-
ply current to approximately 80
µA.
Drive it high to disable the reference ,
control
circuitry
,
and
internal
switches .Drive low or connect to
GND for normal operation.
SO8, DIP8
PIN 1, 2: IN
Supply voltage input for the IC switch-
ing regulator. A suitable input bypass
capacitor must be present at this pin to
minimize voltage transients and to
supply the switching currents needed
by the regulator.
PIN 3, 4: OUT Internal switch. The voltage at this pin
switches between ( VIN-VSAT) and ap-
proximately –0.5V, with a duty cycle of
approximately VOUT/VIN.
PIN 5, 6: GNDGround requires a short, low noise
connection to ensure good load regu-
lation.
PIN 7:
FB Feedback input for fixed-output or ad-
justable-output version. Connect di-
rectly to output for fixed operation ver-
sion or to a resistor divider for adjusta-
ble operation versions.
PIN 8:
SHDN
Allows the switching regulator cir-
cuit to be shutdown using logic level
signals thus dropping the total input
supply current to approximately 80
µA.
Drive it high to disable the reference ,
control
circuitry
,
and
internal
switches .Drive low or connect to GND
for normal operation.


Similar Part No. - AIC1594B-12CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CM AIC-AIC1595A-12CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CT AIC-AIC1595A-12CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CM AIC-AIC1595A-25CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CT AIC-AIC1595A-25CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1594B-12CM

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
logo
Linear Technology
LTC3637 LINER-LTC3637 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Analog Intergrations Co...
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com