Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT7C139C55WCA Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT7C139C55WCA
Description  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C139C55WCA Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT7C139C55WCA Datasheet HTML 6Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 7Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 8Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 9Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 10Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 11Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 12Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 13Page - Aeroflex Circuit Technology UT7C139C55WCA Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Address
CE
R/ W
Data in
OE
Data out
tWC
tSCE
tAW
tPWE
t
HA
tSA
tSD
tHZOE
t
LZOE
DATA VALID
HIGH IMPE DANCE
HIGH IMPE DANCE
tHD
Assumptions:
1. The internal write time of memory is defined by the overlap of CE
LOW and R/W LOW. Both signals must be LOW to initiate a write,
and either signal can terminate a write by going HIGH. The data input
set-up and hold timing should be referenced to the rising edge of the
signal that terminates the write.
2. If OE is LOW during a R/W controlled write cycle, the write pulse
width must be the larger of tPWE or (tHZWE + tSD ) to allow the I/O
drivers to turn off and data to be placed on the bus for the required t SD.
If OE is HIGH during a R/W controlled write cycle (as in this exam-
ple), this requirement does not apply and the write pulse can be as
short as the specified tPWE.
3. R/W must be HIGH during all address transactions.
Figure 4a. Write Cycle 1: OE Three-States Data I/Os (Either Port)


Similar Part No. - UT7C139C55WCA

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT70 WILLOW-UT70 Datasheet
864Kb / 2P
   Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT70 ETC-UT70 Datasheet
158Kb / 2P
   Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Aeroflex Circuit Techno...
UT700 AEROFLEX-UT700 Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEA AEROFLEX-UT700E-CEA Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
UT700E-CEC AEROFLEX-UT700E-CEC Datasheet
369Kb / 46P
   UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
More results

Similar Description - UT7C139C55WCA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Cypress Semiconductor
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Cypress Semiconductor
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com