Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT16245BDGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BT16245BDGG
Description  16-bit bus transceiver 3-state
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT16245BDGG Datasheet(HTML) 3 Page - NXP Semiconductors

  BT16245BDGG Datasheet HTML 1Page - NXP Semiconductors BT16245BDGG Datasheet HTML 2Page - NXP Semiconductors BT16245BDGG Datasheet HTML 3Page - NXP Semiconductors BT16245BDGG Datasheet HTML 4Page - NXP Semiconductors BT16245BDGG Datasheet HTML 5Page - NXP Semiconductors BT16245BDGG Datasheet HTML 6Page - NXP Semiconductors BT16245BDGG Datasheet HTML 7Page - NXP Semiconductors BT16245BDGG Datasheet HTML 8Page - NXP Semiconductors BT16245BDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
74ABT16245B
74ABTH16245B
16-bit bus transceiver (3-State)
1998 Feb 25
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B0
1B1
GND
1B2
1B3
1B4
1B5
GND
1B6
1B7
2B0
2B1
GND
2B3
VCC
2B4
VCC
2B2
2B5
GND
2B7
2DIR
2B6
1OE
1A0
1A1
GND
1A2
1A3
1A4
1A5
GND
1A6
1A7
2A0
2A1
GND
2A3
VCC
2A4
VCC
2A2
2A5
GND
2A7
2OE
2A6
SA00020
LOGIC SYMBOL
2DIR
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
2OE
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
25
1DIR
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
1OE
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
48
SA00021
PIN DESCRIPTION
SYMBOL
PIN
NUMBER
NAME AND FUNCTION
1DIR,
2DIR
1, 24
Direction control inputs
(Active-High)
1A0 – 1A7,
2A0 – 2A7
47, 46, 44, 43
41, 40, 38, 37
36, 35, 33, 32
30, 29, 27, 26
Data inputs/outputs (A side)
1B0 – 1B7
2B0 – 2B7
2, 3, 5, 6
8, 9, 11, 12
13, 14, 16, 17
19, 20, 22, 23
Data inputs/outputs (B side)
1OE, 2OE
48, 25
Output enables
GND
4, 10, 15, 21
28, 34, 39, 45
Ground (0V)
VCC
7, 18, 31, 42
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
∇ 1
48
47
G3
1
3 EN1 (BA)
3 EN2 (AB)
2
2
3
44
5
43
6
41
8
40
9
38
11
37
12
46
25
24
∇ 4
36
35
5
13
14
33
16
32
17
30
19
29
20
27
22
26
23
G6
6 EN4 (BA)
6 EN5 (AB)
SA00022
1OE
1DIR
2OE
2DIR
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7


Similar Part No. - BT16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT16240ADGG PHILIPS-BT16240ADGG Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
BT16240ADL PHILIPS-BT16240ADL Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
BT16241ADGG PHILIPS-BT16241ADGG Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
BT16241ADL PHILIPS-BT16241ADL Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
BT16244ADGG PHILIPS-BT16244ADGG Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
More results

Similar Description - BT16245BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com