Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV217AX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQV217AX
Description  Controls low-level input signals. Controls load voltage 60V to 600V.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV217AX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQV217AX Datasheet HTML 1Page - Panasonic Semiconductor AQV217AX Datasheet HTML 2Page - Panasonic Semiconductor AQV217AX Datasheet HTML 3Page - Panasonic Semiconductor AQV217AX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GU PhotoMOS (AQV21 , AQV214H)
2
ds_aqv21: 010404J
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
For type of connection, catalog.
Note: Recommendable LED forward current
Standard type: 5 mA
Reinforced type: 5 to 10 mA
*Turn on/Turn off time
For Dimensions, seecatalog.
For Schematic and Wiring Diagrams, seecatalog.
For Cautions for Use, seecatalog.
REFERENCE DATA
Item
Sym-
bol
Type of
connec-
tion**
AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A) AQV214H(A)
Condition
LED operate current
Typical
IFon
1 mA
1 mA
1 mA
1 mA
1 mA
1 mA
1.3 mA
IL = Max.
Maximum
3 mA
3 mA
3 mA
3 mA
3 mA
3 mA
3 mA
LED turn off current
Minimum
IFoff
0.4 mA
0.4 mA
0.4 mA
0.4 mA
0.4 mA
0.4 mA
1.2 mA
IL = Max.
Typical
0.79 mA
0.79 mA
0.79 mA
0.79 mA
0.79 mA
0.79 mA
0.79 mA
LED dropout voltage
Typical
VF
1.25 V (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
On resistance
Typical
Ron
A
0.83
2.3
11.0
23
30
70
30
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
2.5
4.0
15.0
35
50
120
50
Typical
Ron
B
0.44
1.15
5.5
11.5
22.5
55
22.5
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
1.25
2.0
7.5
17.5
25
100
25
Typical
Ron
C
0.25
0.6
2.8
6.0
11.3
28
11.3
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
0.63
1.0
3.8
8.8
12.5
50
12.5
Output capacitance
Typical
Cout
A
150 pF
110 pF
70 pF
45 pF
45 pF
45 pF
45 pF
IF = 0 mA
VB = 0 V
f = 1 MHz
Off state leakage current
Maximum
1
µA
IF = 0 mA
VL = Max.
Switching
speed
Turn on
time*
Typical
Ton
0.65 ms
0.6 ms
0.25 ms
0.25 ms
0.21 ms
0.28 ms
0.6 ms
IF= 5 mA**
lL=Max.
Maximum
2 ms
2 ms
1.0 ms
0.5 ms
0.5 ms
0.5 ms
0.8 ms
Turn off
time*
Typical
Toff
0.08 ms
0.06 ms
0.05 ms
0.05 ms
0.05 ms
0.04 ms
0.05 ms
IF = 5 mA
IL = Max.
Maximum
0.2 ms
0.2 ms
0.2 ms
0.2 ms
0.2 ms
0.2 ms
0.2 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0 V
Maximum
1.5 pF
Initial I/O isolation
resistance
Minimum
Riso
—1,000 M
500 V DC
Ton
Input
Output
10%
90%
Toff
1-(1). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
1-(2). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
2-(1). On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC)
Continuous load current: Max. (DC)
0
0.2
0.3
0.4
0.5
0.7
0.6
0
204060
8085 100
-40
-20
0.1
Ambient temperature,
°C
AQV212
AQV215
AQV217
0
40
60
80
100
140
120
020
40
60
-20
8085 100
-40
AQV210
20
AQV214(H)
AQV216
Ambient temperature,
°C
0
1
2
3
4
-40
5
0
-20
20
40
60
8085
AQV212
AQV215
Ambient temperature,
°C


Similar Part No. - AQV217AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV217AX NAIS-AQV217AX Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV217AX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
XP Power Limited
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
logo
Littelfuse
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
   Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
   programmable controls
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com