Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV214H Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQV214H
Description  Controls low-level input signals. Controls load voltage 60V to 600V.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV214H Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQV214H Datasheet HTML 1Page - Panasonic Semiconductor AQV214H Datasheet HTML 2Page - Panasonic Semiconductor AQV214H Datasheet HTML 3Page - Panasonic Semiconductor AQV214H Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GU PhotoMOS (AQV21 , AQV214H)
1
ds_aqv21: 010404J
TYPES
*Indicate the peak AC and DC values.
Note: For space reasons, the SMD terminal shape indicator “A” and the package type indicator “X” and “Z” are omitted from the seal.
RATING
Controls low-level
input signals.
Controls load voltage
60V to 600V.
GU PhotoMOS
(AQV21 ,
AQV214H)
Type
I/O isolation
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
AC/DC
Standard 1,500 V AC
60V
550 mA
AQV212
AQV212A
AQV212AX
AQV212AZ
1 tube contains
50 pcs.
1 batch contains
500 pcs.
1,000 pcs.
100 V
320 mA
AQV215
AQV215A
AQV215AX
AQV215AZ
200 V
180 mA
AQV217
AQV217A
AQV217AX
AQV217AZ
350 V
130 mA
AQV210
AQV210A
AQV210AX
AQV210AZ
400 V
120 mA
AQV214
AQV214A
AQV214AX
AQV214AZ
600 V
50 mA
AQV216
AQV216A
AQV216AX
AQV216AZ
Reinforced 5,000 V
400 V
120 mA
AQV214H
AQV214HA
AQV214HAX
AQV214HAZ
TESTING
VDE
(Reinforced type)
(Standard type)
mm inch
8.8
.346
6.4
.252
3.9
.154
8.8
.346
6.4
.252
3.6
.142
1
2
3
6
5
4
FEATURES
1. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
2. Control with low-level input signals
3. Controls various types of loads
such as relays, motors, lamps and
solenoids.
4. Optical coupling for extremely high
isolation
Unlike mechanical relays, the PhotoMOS
relay combines LED and optoelectronic
device to transfer signals using light for
extremely high isolation.
5. Eliminates the need for a counter
electromotive force protection diode
in the drive circuits on the input side
6. Stable on resistance
7. Low-level off state leakage current
8. Eliminates the need for a power
supply to drive the power MOSFET
A power supply used to drive the power
MOSFET is unnecessary because of the
built-in optoelectronic device. This results
in easy circuit design and small PC board
area.
9. Low thermal electromotive force
(Approx. 1
µV)
TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Data communication equipment
• Computer
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Sym-
bol
Type of
connec-
tion
AQV212(A) AQV215(A) AQV217(A) AQV210(A) AQV214(A) AQV216(A) AQV214H(A)
Remarks
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Load voltage (peak AC)
VL
60 V
100 V
200 V
350 V
400 V
600 V
400 V
Continuous load
current
IL
A
0.55 A
0.32 A
0.18 A
0.13 A
0.12 A
0.05 A
0.12 A
A connection: Peak AC, DC;
B, C connection: DC
B
0.65 A
0.42 A
0.22 A
0.15 A
0.13 A
0.06 A
0.13 A
C
0.80 A
0.60 A
0.30 A
0.17 A
0.15 A
0.08 A
0.15 A
Peak load current
Ipeak
1.2 A
0.96 A
0.54 A
0.4 A
0.3 A
0.15 A
0.3 A
A connection: 100 ms (1 shot),
VL=DC
Power dissipation
Pout
500 mW
Total power dissipation
PT
550 mW
I/O isolation voltage
Viso
1,500 V AC
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temp.
Storage
Tstg
–40
°C to +100°C –40°F to +212°F


Similar Part No. - AQV214H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV214H NAIS-AQV214H Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQV214HA NAIS-AQV214HA Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQV214HAX NAIS-AQV214HAX Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQV214HAZ NAIS-AQV214HAZ Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV214H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
XP Power Limited
HDS3000 XPPOWER-HDS3000 Datasheet
993Kb / 6P
   Fully Featured Signals AND Controls
logo
Littelfuse
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
   Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
   programmable controls
logo
Littelfuse
SC3 LITTELFUSE-SC3 Datasheet
296Kb / 2P
   Sequencing Controls
2016 Rev: 1-A-062316
logo
Bourns Electronic Solut...
PDV BOURNS-PDV Datasheet
31Kb / 2P
   Panel Controls
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com