Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-T5794IJ Datasheet(PDF) 9 Page - Exar Corporation

Part # XR-T5794IJ
Description  Quad E-1 Line Interface Unit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T5794IJ Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR-T5794IJ Datasheet HTML 5Page - Exar Corporation XR-T5794IJ Datasheet HTML 6Page - Exar Corporation XR-T5794IJ Datasheet HTML 7Page - Exar Corporation XR-T5794IJ Datasheet HTML 8Page - Exar Corporation XR-T5794IJ Datasheet HTML 9Page - Exar Corporation XR-T5794IJ Datasheet HTML 10Page - Exar Corporation XR-T5794IJ Datasheet HTML 11Page - Exar Corporation XR-T5794IJ Datasheet HTML 12Page - Exar Corporation XR-T5794IJ Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
XR-T5794
9
Rev. 2.01
AC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40°C to 25°C to 85°C, all VDDs = 5V $5%, all VSSs = -5V $5%, all GNDs = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VTXOUT
Output Pulse Amplitude (75
Ω)
2.13
2.37
2.60
V
VTXOUT
Output Pulse Amplitude (120
Ω)
2.70
3.0
3.30
V
VTXOUT
Output Pulse Amplitude (100
Ω)
2.3
3.0
3.7
V
TXPW
Pulse Width (2.048MHz)
224
244
264
ns
Determined by TX Clock
TXPW
Pulse Width (1.544MHz)
274
324
374
ns
Determined by TX Clock
PNIMB
Pos/Neg Pulse Imbalance
-5
5
%
T1
TXCLK Clock Period (E1)
488
ns
T2
TXCLK Clock Period (T1)
648
ns
T3
TXCLK Duty Cycle
48
50
52
%
T4
Data Setup Time, TDATA to
TCLK
50
ns
T5
Data Hold Time, TCLK to
TDATA
50
ns
TR
Clock Rise Time
30
ns
TF
Clock Fall Time
30
ns
T6
Receive Data High (E1)
219
244
269
ns
0dB Cable Loss
T7
Data Propagation Delay
100
ns
T8
Receive Rise Time
50
ns
T9
Receive Fall Time
50
ns
Notes
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65
°C to +150°C
. . . . . . . . . . . .
Supply Voltage
$7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - XR-T5794IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XR-T5793IJ EXAR-XR-T5793IJ Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XR-T5793IV EXAR-XR-T5793IV Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
More results

Similar Description - XR-T5794IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
logo
Bothhand USA, LP.
S5778A BOTHHAND-S5778A Datasheet
271Kb / 1P
   DIL SINGLE T-1/E-1 LINE INTERFACE
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
   QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com