Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-T5793IJ Datasheet(PDF) 8 Page - Exar Corporation

Part # XR-T5793IJ
Description  Quad E1 Line Interface Unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T5793IJ Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR-T5793IJ Datasheet HTML 4Page - Exar Corporation XR-T5793IJ Datasheet HTML 5Page - Exar Corporation XR-T5793IJ Datasheet HTML 6Page - Exar Corporation XR-T5793IJ Datasheet HTML 7Page - Exar Corporation XR-T5793IJ Datasheet HTML 8Page - Exar Corporation XR-T5793IJ Datasheet HTML 9Page - Exar Corporation XR-T5793IJ Datasheet HTML 10Page - Exar Corporation XR-T5793IJ Datasheet HTML 11Page - Exar Corporation XR-T5793IJ Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
XR-T5793
8
Rev. 2.00
AC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40°C to 25°C to 85°C, all VDDs = 5V $5%, all VSSs = -5V $ 5%, all GNDs = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
AC PARAMETERS
VTXOUT
Output Pulse Amplitude
(75
Ω)
2.13
2.37
2.60
V
VTXOUT
Output Pulse Amplitude
(120
Ω)
2.70
3.0
3.30
V
VTXOUT
Output Pulse Amplitude
(100
Ω)
2.3
3.0
3.7
V
TXPW
Pulse Width (2.048MHz)
224
244
264
ns
Determined by TX Clock
TXPW
Pulse Width (1.544MHz)
274
324
374
ns
Determined by TX Clock
Pos/neg Pulse Imbalance
-5
+5
%
T1
TXCLK Clock Period (E1)
488
ns
T2
TXCLK Clock Period (T1)
648
ns
T3
TXCLK Duty Cycle
48
50
52
%
T4
Data Setup Time, TDATA to
TCLK
50
ns
T5
Data Hold Time, TCLK to TDATA
50
ns
TR
Clock Rise Time
30
ns
TF
Clock Fall Time
30
ns
T6
Receive Data High (E1)
219
244
269
ns
0dB Cable Loss
T7
Data Propagation Delay
T1
T2
) 100
ns
T8
Data Propagation Delay
T1
T2
) 100
ns
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65
°C to +150°C
. . . . . . . . . . . .
Operating Temperature
-40
°C to +85°C
. . . . . . . . . . . .
Supply Voltage
$7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - XR-T5793IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5794 EXAR-XR-T5794 Datasheet
186Kb / 20P
   Quad E-1 Line Interface Unit
XR-T5794IJ EXAR-XR-T5794IJ Datasheet
186Kb / 20P
   Quad E-1 Line Interface Unit
XR-T5794IV EXAR-XR-T5794IV Datasheet
186Kb / 20P
   Quad E-1 Line Interface Unit
More results

Similar Description - XR-T5793IJ

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
   QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Infineon Technologies A...
PEB22504 INFINEON-PEB22504 Datasheet
1Mb / 128P
   Quad Line Interface Unit for E1?껿1?껲1 QuadLIU
February 2001 Version 1.1
logo
Renesas Technology Corp
IDT82V2044E RENESAS-IDT82V2044E Datasheet
1Mb / 74P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
August 2004
logo
Integrated Device Techn...
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com