Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT162240DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT162240DGG
Description  16-bit inverting buffer/driver with 30ohm series termination resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT162240DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  BT162240DGG Datasheet HTML 1Page - NXP Semiconductors BT162240DGG Datasheet HTML 2Page - NXP Semiconductors BT162240DGG Datasheet HTML 3Page - NXP Semiconductors BT162240DGG Datasheet HTML 4Page - NXP Semiconductors BT162240DGG Datasheet HTML 5Page - NXP Semiconductors BT162240DGG Datasheet HTML 6Page - NXP Semiconductors BT162240DGG Datasheet HTML 7Page - NXP Semiconductors BT162240DGG Datasheet HTML 8Page - NXP Semiconductors BT162240DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162240
74ABTH162240
16-bit inverting buffer/driver with 30
Ω series
termination resistors (3-State)
2
1998 Feb 25
853-1825 19019
FEATURES
16-bit bus interface
3-State buffers
Output capability: +12mA/-32mA
TTL input and output switching levels
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Power-up 3-State
74ABTH162240 incorporates bus hold data inputs which eliminate
the need for external pull up resistors to hold unused inputs
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ABT162240 is a high-performance BiCMOS device which
combines low static and dynamic power dissipation with high speed.
This device is an inverting 16-bit buffer that is ideal for driving bus
lines. The device features four Output Enables (1OE, 2OE, 3OE,
4OE), each controlling four of the 3-State outputs.
Two options are available, 74ABT162240 which does not have the
bus hold feature and 74ABTH162240 which incorporates the bus
hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC =
2.7
2.6
ns
CIN
Input capacitance nOE
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or
6
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC =
500
µA
ICCL
Quiescent su
ly current
Outputs low; VCC = 5.5V
8
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT162240 DL
BT162240 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT162240 DGG
BT162240 DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH162240 DL
BH162240 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH162240 DGG
BH162240 DGG
SOT362-1
LOGIC SYMBOL
1OE
1
1A0
47
1A1
46
1A2
44
1A3
43
2OE
48
2A0
41
2A1
2
40
2A2
38
3
2A3
37
5
6
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
8
9
11
12
3OE
25
3A0
36
3A1
35
3A2
33
3A3
32
4OE
24
4A0
30
4A1
13
29
4A2
27
14
4A3
26
16
17
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
19
20
22
23
SH00090


Similar Part No. - BT162240DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT162244DGG PHILIPS-BT162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
BT162244DL PHILIPS-BT162244DL Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
BT162245ADGG PHILIPS-BT162245ADGG Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
BT162245ADL PHILIPS-BT162245ADL Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
More results

Similar Description - BT162240DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74LVT162244B PHILIPS-74LVT162244B Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com