Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT5897IV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT5897IV
Description  Seven-Channel E1 Line Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5897IV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT5897IV Datasheet HTML 4Page - Exar Corporation XRT5897IV Datasheet HTML 5Page - Exar Corporation XRT5897IV Datasheet HTML 6Page - Exar Corporation XRT5897IV Datasheet HTML 7Page - Exar Corporation XRT5897IV Datasheet HTML 8Page - Exar Corporation XRT5897IV Datasheet HTML 9Page - Exar Corporation XRT5897IV Datasheet HTML 10Page - Exar Corporation XRT5897IV Datasheet HTML 11Page - Exar Corporation XRT5897IV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
XRT5897
8
Rev. 1.11
PC
Power Consumption 120W
1025
1255
mW
All 1’s Transmit and Receive
PC
Power Consumption 120W
745
945
mW
50% data density, Transmit and Re-
ceive
Note:
Bold face parameters are covered by production test and guaranteed over operating temperature range.


Similar Part No. - XRT5897IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5894 EXAR-XRT5894 Datasheet
849Kb / 19P
   Four-Channel E1 Line Interface (3.3V or 5.0V)
XRT5894IV EXAR-XRT5894IV Datasheet
849Kb / 19P
   Four-Channel E1 Line Interface (3.3V or 5.0V)
More results

Similar Description - XRT5897IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
   SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com