Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC-161AGBY Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AC-161AGBY
Description  SPECIFICATIONS FOR LCD MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AC-161AGBY Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AC-161AGBY Datasheet HTML 1Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 2Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 3Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 4Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 5Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 6Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 7Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 8Page - List of Unclassifed Manufacturers AC-161AGBY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AMPIRE CO., LTD.
5
5
ELECTRO-OPTICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Note
----- Electronic Characteristics -----
Logic Circuit
Supply Voltage
VDD-VSS
--
2.7
--
5.5
V
0
°C
4.4
4.7
5.0
25
°C
4.2
4.5
4.8
LCD Driving
Voltage
( TN )
VDD-VO
50
°C
3.9
4.2
4.5
V
TN type LCD
could only be
operated on
Normal Temp.
-20
°C
4.75
5.0
5.25
0
°C
4.75
5.0
5.25
25
°C
4.75
5.0
5.25
50
°C
4.75
5.0
5.25
LCD Driving
Voltage
( STN )
VDD-VO
70
°C
4.75
5.0
5.25
V
0 ~ 50
°C for
Normal Temp.
type
-20 ~ 70
°C for
Extended Temp.
type
VIH
--
0.7 VDD
--
VDD
V
Input Voltage
VIL
--
VSS
--
0.3 VDD
V
Logic Supply
Current
IDD
VDD = 5V
--
1.0
1.5
mA
----- Optical Characteristics ( TN ) -----
Contrast
CR
25
°C
--
3
--
Note 1
Rise Time
tr
25
°C
--
150
--
ms
Fall Time
tf
25
°C
--
150
--
ms
Note 2
θ f
--
35
--
θ b
--
10
--
θ l
--
30
--
Viewing Angle
Range
θ r
25
°C &
CR
≥1.4
--
30
--
Deg.
Note 3
Frame Frequency
fF
25
°C
--
64
--
Hz
----- Optical Characteristics ( STN ) -----
Contrast
CR
25
°C
--
5
--
Note 1
Rise Time
tr
25
°C
--
80
120
ms
Fall Time
tf
25
°C
--
150
300
ms
Note 2
θ f
--
40
--
θ b
--
35
--
θ l
--
35
--
Viewing Angle
Range
θ r
25
°C &
CR
≥2
--
35
--
Deg.
Note 3
Frame Frequency
fF
25
°C
--
64
--
Hz


Similar Part No. - AC-161AGBY

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AC-161JYILY-70 ZETTLER-AC-161JYILY-70 Datasheet
256Kb / 17P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - AC-161AGBY

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com