Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT56L85D Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT56L85D
Description  Low Power PCM Line Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT56L85D Datasheet(HTML) 1 Page - Exar Corporation

  XRT56L85D Datasheet HTML 1Page - Exar Corporation XRT56L85D Datasheet HTML 2Page - Exar Corporation XRT56L85D Datasheet HTML 3Page - Exar Corporation XRT56L85D Datasheet HTML 4Page - Exar Corporation XRT56L85D Datasheet HTML 5Page - Exar Corporation XRT56L85D Datasheet HTML 6Page - Exar Corporation XRT56L85D Datasheet HTML 7Page - Exar Corporation XRT56L85D Datasheet HTML 8Page - Exar Corporation XRT56L85D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
XRT56L85
Low Power
PCM Line Interface
Rev. 2.11
E
2000
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 z (510) 668-7000 z FAX (510) 668-7017
1
October 2000-1
FEATURES
D
Low Power (Typical 14mA)
D
Single +5V Supply
D
Up to 2.048 Mbps Operation in Both TX and RX
Directions
D
Receiver Input can be:
Balanced Transformer Coupled
Capacitively (Twisted Pair)
Single Coaxial Capacitive Coupling
APPLICATIONS
D
T1 and CEPT Interfaces
D
CPI
D
DMI
GENERAL DESCRIPTION
The XRT56L85 is a PCM line interface chip. It consists of
both transmit and receive circuitry in a DIL 18 pin
package. The maximum bit rate the chip can handle is
2.048 Mbps and the signal level to the received can be
attenuated by 10dB of cable loss at half the bit rate. Total
current consumption is between 12-16mA at +5V.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XRT56L85P
18 Lead 300 Mil PDIP
-40°°°°C to +85°°°°C
XRT56L85D
18 Lead 300 Mil JEDEC SOIC
-40°°°°C to +85°°°°C
BLOCK DIAGRAM
5
14
12
16
17
18
9
3
2
11
8
4
10
6
15
13
1
PDC
Positive
Threshold
Comparator
Negative
Threshold
Comparator
Peak
Detector
TTL Buffer
TTL Buffer
TTL Buffer
TTL Buffer
TTL Buffer
Bias
Bias
RPOS
RCLK
TE
RNEG
TANK BIAS
BIAS
TXDATA+
TXDATA-
RXDATA+
RXDATA-
RXVCC
RXGND
TXVCC
TPOS
TCLK
TNEG
TXGND
Figure 1. Block Diagram
+
+
7


Similar Part No. - XRT56L85D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L22 EXAR-XRT56L22 Datasheet
344Kb / 16P
   Low Power Repeater/Receiver
More results

Similar Description - XRT56L85D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Asahi Kasei Microsystem...
AK61584 AKM-AK61584 Datasheet
364Kb / 38P
   Dual Low Power T1/E1 Line Interface
logo
Agere Systems
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Level One
LXT313 LVL1-LXT313 Datasheet
269Kb / 10P
   Low Power E1 PCM Repeaters/Transceivers
LXT312 LVL1-LXT312 Datasheet
276Kb / 10P
   Low Power T1 PCM Repeaters/Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com