Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L2552IJ Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16L2552IJ
Description  2.25V TO 5.5V DUART WITH 16-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L2552IJ Datasheet(HTML) 1 Page - Exar Corporation

  XR16L2552IJ Datasheet HTML 1Page - Exar Corporation XR16L2552IJ Datasheet HTML 2Page - Exar Corporation XR16L2552IJ Datasheet HTML 3Page - Exar Corporation XR16L2552IJ Datasheet HTML 4Page - Exar Corporation XR16L2552IJ Datasheet HTML 5Page - Exar Corporation XR16L2552IJ Datasheet HTML 6Page - Exar Corporation XR16L2552IJ Datasheet HTML 7Page - Exar Corporation XR16L2552IJ Datasheet HTML 8Page - Exar Corporation XR16L2552IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
XR16L2552
2.25V TO 5.5V DUART WITH 16-BYTE FIFO
MAY 2005
REV. 1.1.1
GENERAL DESCRIPTION
The XR16L2552 (L2552) is a dual universal
asynchronous receiver and transmitter (UART) with 5
volt tolerant inputs. The XR16L2552 is an improved
version of the ST16C2552 UART with lower operating
voltages and 5 volt tolerant inputs.
The L2552
provides enhanced UART functions with 16 byte TX
and RX FIFOs, automatic hardware (RTS/CTS) and
software (Xon/Xoff) flow control, and a complete
modem control interface. Onboard status registers
provide
the
user
with
error
indications
and
operational status.
Indepedendent programmable
baud rate generators are provided to select transmit
and receive clock rates up to 3.125Mbps. An internal
loop-back capability allows onboard diagnostics. The
L2552 provides block mode data transfers (DMA)
through FIFO controls. DMA transfer monitoring is
provided through the signals TXRDY# and RXRDY#.
An Alternate Function Register provides the user with
the ability to write the control registers for both UARTs
concurrently and selection of the Multi-Function
output (Baudout#, OP2#, or RXRDY#).
NOTE: 1 Covered by U.S. Patent #5,649,122.
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
2.25 to 5.5 Volt Operation
5 Volt Tolerant Inputs
Pin-to-pin and functionally compatible to National
PC16552
Pin-to-pin Compatible to Exar’s ST16C2552,
XR16L2752 and XR16C2852 in the 44-PLCC
2 Independent UART Channels
Up to 3.125Mbps with external clock of 50 MHz
Register Set Compatible to 16C550
16 byte Transmit FIFO to reduce the bandwidth
requirement of the external CPU
16 byte Receive FIFO with error tags to reduce
the bandwidth requirement of the external CPU
4 selectable RX FIFO Trigger Levels
Automatic RTS/CTS hardware flow control
Automatic XonXoff software flow control
Wireless infrared encoder/decoder
Full Modem Interface (CTS#, RTS#, DSR#,
DTR#, RI#, CD#)
Programmable character lengths (5, 6, 7, 8)
with even, odd, or no parity
Multi-Function output allows more package
functions with fewer I/O pins
Concurrent write to Channels A and B
Crystal oscillator or external clock input
48-TQFP (7x7x1.0 mm) and 44-PLCC packages
FIGURE 1. XR16L2552 BLOCK DIAGRAM
MFA#
(OP2A#,
BAUDOUTA#, or
RXRDYA#)
MFB#
(OP2B#,
BAUDOUTB#, or
RXRDYB#)
XTAL1
XTAL2
Crystal Osc/Buffer
TXA
8-bit Data
Bus
Interface
UART Channel A
16 Byte TX FIFO
16 Byte RX FIFO
BRG
TX & RX
UART
Regs
2.25 to 5.5 Volt VCC
GND
2552BLK
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CS#
CHSEL
INTA
INTB
IOW#
IOR#
Reset
TXRDY# A/B
RXRDY# A/B
(48-TQFP Only)
CTS#A/B, RI#A/B,
CD#A/B, DSR#A/B
RXA
Modem Control Logic
DTR#A/B, RTS#A/B
TXB
RXB
* 5 Volt Tolerant Inputs


Similar Part No. - XR16L2552IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IJ EXAR-XR16L2552IJ Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16L2552IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750_05 Datasheet
820Kb / 48P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2752 EXAR-XR16L2752 Datasheet
806Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16L2751 EXAR-XR16L2751 Datasheet
618Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16L2751 EXAR-XR16L2751_05 Datasheet
852Kb / 52P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com