Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK32309IDTR-1H Datasheet(PDF) 10 Page - Exar Corporation

Part # XRK32309IDTR-1H
Description  LOW-COST 3.3V ZERO DELAY BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK32309IDTR-1H Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRK32309IDTR-1H Datasheet HTML 5Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 6Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 7Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 8Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 9Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 10Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 11Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 12Page - Exar Corporation XRK32309IDTR-1H Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
XRK32309
PRELIMINARY
10
LOW-COST 3.3V ZERO DELAY BUFFER
REV. P1.0.1
TABLE 12: ORDERING INFORMATION
PART ORDERING NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRK32309CD-1
16 PIN SOIC
0
° TO +70°
XRK32309CDTR-1
16 PIN SOIC
0
° TO +70°
XRK32309ID-1
16 Pin SOIC
-40
° to +85°
XRK32309IDTR-1
16 Pin SOIC
-40
° to +85°
XRK32309CD-1H
16 Pin SOIC
0
° TO +70°
XRK32309CDTR-1H
16 Pin SOIC
0
° TO +70°
XRK32309ID-1H
16 Pin SOIC
-40
° to +85°
XRK32309IDTR-1H
16 Pin SOIC
-40
° to +85°
XRK32309CG-1H
16 Pin TSSOP
0
° TO +70°
XRK32309CGTR-1H
16 Pin TSSOP
0
° TO +70°
XRK32309IG-1H
16 Pin TSSOP
-40
° to +85°
XRK32309IGTR-1H
16 Pin TSSOP
-40
° to +85°


Similar Part No. - XRK32309IDTR-1H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
XRK32308-1 EXAR-XRK32308-1 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1H EXAR-XRK32308-1H Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-2 EXAR-XRK32308-2 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
More results

Similar Description - XRK32309IDTR-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com