Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK69772CR Datasheet(PDF) 5 Page - Exar Corporation

Part # XRK69772CR
Description  1:12 LVCMOS PLL CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK69772CR Datasheet(HTML) 5 Page - Exar Corporation

  XRK69772CR Datasheet HTML 1Page - Exar Corporation XRK69772CR Datasheet HTML 2Page - Exar Corporation XRK69772CR Datasheet HTML 3Page - Exar Corporation XRK69772CR Datasheet HTML 4Page - Exar Corporation XRK69772CR Datasheet HTML 5Page - Exar Corporation XRK69772CR Datasheet HTML 6Page - Exar Corporation XRK69772CR Datasheet HTML 7Page - Exar Corporation XRK69772CR Datasheet HTML 8Page - Exar Corporation XRK69772CR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY
XRK69772
5
REV. P1.0.0
1:12 LVCMOS PLL CLOCK GENERATOR
TABLE 4: AC CHARACTERISTICS (VDD = 3.3V +/- 5%)
SYMBOL
CHARACTERISTICS
CONDITION
MIN
TYP
MAX
UNIT
fREF
Input reference frequencya
÷4 feedback
÷6 feedback
÷8 feedback
÷10 feedback
÷12 feedback
÷16 feedback
÷20 feedback
÷24 feedback
÷32 feedback
÷40 feedback
PLL bypass mode
50.0
33.3
25.0
20.0
16.6
12.5
10.0
8.33
6.25
5.00
120
80.0
60.0
48.0
40.0
30.0
24.0
20.0
15.0
12.0
250
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
fVCO
VCO frequency range
200
480
MHz
fXTAL
Crystal input frequency range
10
25
MHz
fMAX
Output frequencya
÷2 output
÷4 output
÷6 output
÷8 output
÷10 output
÷12 output
÷16 output
÷20 output
÷24 output
100.0
50.0
33.3
25.0
20.0
16.6
12.5
10.0
8.33
240.0
120.0
80.0
60.0
48.0
40.0
30.0
24.0
20.0
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
fSTOP_CLK
Serial interface max.
frequency
20.0
MHz
tPW
CLKx pulse min. width
2.0
ns
ItR, ItF
Input CLKx Rise/Fall time
0.8V to 2.0V
1.0
ns
t(∅)
Propagation Delay (static
phase offset) CLKx to FB_INb
6.25MHz < fREF < 65.0MHz
65.0MHz < fREF < 125MHz
fREF = 50MHz & FB = ÷8
-3
-4
-166
+3
+4
+166
°
°
ps
tSK(O)
Output to output skewc
Bank A (QAx to QAy)
Bank B (QBx to QBy)
Bank C (QCx to QCy)
all outputs (QXy to QWz)
100
100
100
250
ps
ps
ps
ps
DC
Output duty cycled
(T÷2)-200
T÷2
(T÷2)+200
ps
OtR, OtF
Output Rise/Fall time
0.55V to 2.4V
0.1
1.0
ns


Similar Part No. - XRK69772CR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773CR EXAR-XRK69773CR Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773IR EXAR-XRK69773IR Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
XRK69774CR EXAR-XRK69774CR Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
More results

Similar Description - XRK69772CR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK697H73 EXAR-XRK697H73 Datasheet
279Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
XRK69773 EXAR-XRK69773 Datasheet
289Kb / 12P
   1:12 LVCMOS PLL CLOCK GENERATOR
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
MPC9772 RENESAS-MPC9772 Datasheet
469Kb / 18P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
   3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
   3.3 V 1:12 LVCMOS PLL Clock Generator
2019
logo
Exar Corporation
XRK69774 EXAR-XRK69774 Datasheet
252Kb / 11P
   1:14 LVCMOS PLL CLOCK GENERATOR
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com