Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR19L200IL32 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR19L200IL32
Description  SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L200IL32 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR19L200IL32 Datasheet HTML 3Page - Exar Corporation XR19L200IL32 Datasheet HTML 4Page - Exar Corporation XR19L200IL32 Datasheet HTML 5Page - Exar Corporation XR19L200IL32 Datasheet HTML 6Page - Exar Corporation XR19L200IL32 Datasheet HTML 7Page - Exar Corporation XR19L200IL32 Datasheet HTML 8Page - Exar Corporation XR19L200IL32 Datasheet HTML 9Page - Exar Corporation XR19L200IL32 Datasheet HTML 10Page - Exar Corporation XR19L200IL32 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
PRELIMINARY
XR19L200
7
REV. P1.0.2
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
2.2
5-Volt Tolerant Inputs
The CMOS/TTL level inputs of the L200 can accept up to 5V inputs when operating at 3.3V. Note that the
XTAL1 pin is not 5V tolerant when an external clock supply is used.
2.3
Device Hardware Reset
The RESET or RESET# input resets the internal registers and the serial interface outputs in both channels to
their default state (see Table 11). An active pulse of longer than 40 ns duration will be required to activate the
reset function in the device.
2.4
Device Identification and Revision
The XR19L200 provides a Device Identification code and a Device Revision code to distinguish the part from
other devices and revisions. To read the identification code from the part, it is required to set the baud rate
generator registers DLL and DLM both to 0x00. Now reading the content of the DLM will provide 0x01 to
indicate functional compatibility with XR16L580 and reading the content of DLL will provide the revision of the
part; for example, a reading of 0x01 means revision A.
2.5
Internal Registers
The L200 has a set of enhanced registers for control, monitoring and data loading and unloading. The
configuration register set is compatible to those already available in the standard 16C550. These registers
function as data holding registers (THR/RHR), interrupt status and control registers (ISR/IER), a FIFO control
register (FCR), receive line status and control registers, (LSR/LCR), modem status and control registers (MSR/
MCR), programmable data rate (clock) divisor registers (DLL/DLM), and an user accessible Scratchpad
register (SPR).
Beyond the general 16C550 features and capabilities, the L200 offers enhanced feature registers just like the
XR16L580, namely, EFR, Xon1, Xoff 1, Xon1 and Xoff2 that provide automatic Xon/Xoff software flow control.
All the register functions are discussed in full detail later in “Section 3.0, UART INTERNAL REGISTERS” on
page 15.
2.6
DMA Mode
The DMA Mode (a legacy term) refers to data block transfer operation. The DMA mode affects the state of the
RXRDY# and TXRDY# output pins available in the original 16C550. These pins are not available in the
XR19L200. The DMA Enable bit (FCR bit-3) does not have any function in this device and can be a ’0’ or a ’1’.
2.7
INT (IRQ#) Output
The interrupt output changes according to the operating mode and enhanced features setup. Table 1 and
Table 2 below summarize the operating behavior for the transmitter and receiver in the Intel and Motorola
modes. Also see Figures 16 through 19.
TABLE 1: INT (IRQ#) PIN OPERATION FOR TRANSMITTER
FCR BIT-0 = 0 (FIFO DISABLED)
FCR BIT-0 = 1 (FIFO ENABLED)
INT Pin
(I/M# = 1)
0 = one byte in THR
1 = THR empty
0 = FIFO above trigger level
1 = FIFO below trigger level or FIFO empty
IRQ# Pin
(I/M# = 0)
1 = one byte in THR
0 = THR empty
1 = FIFO above trigger level
0 = FIFO below trigger level or FIFO empty


Similar Part No. - XR19L200IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L200IL32 EXAR-XR19L200IL32 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results

Similar Description - XR19L200IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200_07 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210_07 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220_07 Datasheet
796Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220 Datasheet
789Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202 EXAR-XR19L202 Datasheet
942Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L222 EXAR-XR19L222 Datasheet
997Kb / 53P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L212 EXAR-XR19L212 Datasheet
980Kb / 52P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com