Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR19L200IL32 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR19L200IL32
Description  SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L200IL32 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR19L200IL32 Datasheet HTML 2Page - Exar Corporation XR19L200IL32 Datasheet HTML 3Page - Exar Corporation XR19L200IL32 Datasheet HTML 4Page - Exar Corporation XR19L200IL32 Datasheet HTML 5Page - Exar Corporation XR19L200IL32 Datasheet HTML 6Page - Exar Corporation XR19L200IL32 Datasheet HTML 7Page - Exar Corporation XR19L200IL32 Datasheet HTML 8Page - Exar Corporation XR19L200IL32 Datasheet HTML 9Page - Exar Corporation XR19L200IL32 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
XR19L200
PRELIMINARY
6
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
REV. P1.0.2
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The L200 data interface supports the Intel compatible types of CPUs and it is compatible to
the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data bus
transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# or R/W# inputs. A typical data bus
interconnection for Intel and Motorola mode is shown in Figure 3.
FIGURE 3. XR19L200 TYPICAL INTEL/MOTOROLA DATA BUS INTERCONNECTIONS
VCC
VCC
A0
A1
A2
UART_CS#
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART_INT
INT
RS-232
Interface
Intel Data Bus Interconnections
GND
UART_RESET
RESET
16/68#
RX
TX
ACP
ACP
VCC
VCC
A0
A1
A2
UART_CS#
R/W#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART_IRQ#
INT
Motorola Data Bus Interconnections
GND
UART_RESET#
RESET
RX
TX
ACP
VCC
16/68#
RS-232
Interface
ACP
4.7K
VCC


Similar Part No. - XR19L200IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L200IL32 EXAR-XR19L200IL32 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
More results

Similar Description - XR19L200IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR19L210 EXAR-XR19L210 Datasheet
780Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L200 EXAR-XR19L200_07 Datasheet
734Kb / 40P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L210 EXAR-XR19L210_07 Datasheet
786Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220_07 Datasheet
796Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L220 EXAR-XR19L220 Datasheet
789Kb / 43P
   SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202IL48-0B EXAR-XR19L202IL48-0B Datasheet
960Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L202 EXAR-XR19L202 Datasheet
942Kb / 50P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L222 EXAR-XR19L222 Datasheet
997Kb / 53P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L212 EXAR-XR19L212 Datasheet
980Kb / 52P
   TWO CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com