Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V252 Datasheet(PDF) 27 Page - Exar Corporation

Part # XR17V252
Description  66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V252 Datasheet(HTML) 27 Page - Exar Corporation

Back Button XR17V252 Datasheet HTML 23Page - Exar Corporation XR17V252 Datasheet HTML 24Page - Exar Corporation XR17V252 Datasheet HTML 25Page - Exar Corporation XR17V252 Datasheet HTML 26Page - Exar Corporation XR17V252 Datasheet HTML 27Page - Exar Corporation XR17V252 Datasheet HTML 28Page - Exar Corporation XR17V252 Datasheet HTML 29Page - Exar Corporation XR17V252 Datasheet HTML 30Page - Exar Corporation XR17V252 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
XR17V252
27
REV. 1.0.1
66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
3.1.3
Tx FIFO Data Loading at locations 0x100 (channel 0) and 0x300 (channel 1)
The TX FIFO data (up to the maximum 64 bytes) can be loaded in a single burst 32-bit write operation
(maximum 16 DWORD writes) at memory locations 0x100 (channel 0) and 0x300 (channel 1).
3.2
FIFO DATA LOADING AND UNLOADING THROUGH THE UART CHANNEL REGISTERS, THR
AND RHR IN 8-BIT FORMAT
The THR and RHR register address for channel 0 to channel 1 is shown in Table 11 below. The THR and RHR
for each channel 0 tand 1 are located sequentially at address 0x0000 and 0x0200. Transmit data byte is
loaded to the THR when writing to that address and receive data is unloaded from the RHR register when
reading that address. Both THR and RHR registers are 16C550 compatible in 8-bit format, so each bus
operation can only write or read in bytes.
WRITE TX FIFO
BYTE 3
BYTE 2
BYTE 1
BYTE 0
Write n+0 to n+3
FIFO Data n+3
FIFO Data n+2
FIFO Data n+1
FIFO Data n+0
Write n+4 to n+7
FIFO Data n+7
FIFO Data n+6
FIFO Data n+5
FIFO Data n+4
Etc.
TABLE 11: TRANSMIT AND RECEIVE DATA REGISTER IN BYTE FORMAT, 16C550 COMPATIBLE
PCI Bus
Data Bit-31
B7 B6 B5 B4 B3 B2 B1 B0
B7 B6 B5 B4 B3 B2 B1 B0
B7 B6 B5 B4 B3 B2 B1 B0
B7 B6 B5 B4 B3 B2 B1 B0
Transmit Data Byte n+3
Transmit Data Byte n+2
Transmit Data Byte n+1
Transmit Data Byte n+0
PCI Bus
Data Bit-0
Channel 0 to 1 Transmit Data in 32-bit alignment through the Configuration Register Address
0x0100 and 0x0300
THR and RHR Address Locations For CH0 to CH1 (16C550 Compatible)
CH0 0x000 Write THR
CH0 0x000 Read RHR
CH1 0x200 Write THR
CH1 0x200 Read RHR
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0


Similar Part No. - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252IM EXAR-XR17V252IM Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V252

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
logo
Xilinx, Inc
XCV300-6FG456C XILINX-XCV300-6FG456C Datasheet
40Kb / 4P
   66-MHz PCI Compliant
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com