Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6408-VNN Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # HX6408-VNN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408-VNN Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button HX6408-VNN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6408-VNN Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HX6408
Advanced Information
9
www.honeywell.com
DYNAMIC ELECTRICAL CHARACTERISTICS
Asynchronous Operation
The RAM is asynchronous in operation. Read and
Write cycles are controlled by NWE, NCS, NSL, and
Address signals.
Read Operation
To perform a valid read operation, both chip select
and output enable (NOE) must be low and not sleep
(NSL) and write enable (NWE) must be high. The
output drivers can be controlled independently by the
NOE signal.
To perform consecutive read operations, NCS is
required to be held continuously low, NSL held
continuously high, and the toggling of the addresses
will start the new read cycle.
It is important to have the address bus free of noise
and glitches, which can cause inadvertent read
operations. The control and address signals should
have rising and falling edges that are fast (<5 ns) and
have good signal integrity (free of noise, ringing or
steps associated reflections).
For an address activated read cycle, NCS and NSL
must be valid prior to or coincident with the address
edge transition(s). Any amount of toggling or skew
between address edge transitions is permissible;
however, data outputs will become valid TAVQV time
following the latest occurring address edge transition.
The minimum address activated read cycle time is
TAVAV. When the RAM is operated at the minimum
address activated read cycle time, the data outputs
will remain valid on the RAM I/O until TAXQX time
following the next sequential address transition.
To control a read cycle with NCS, all addresses and
NSL must be valid prior to or coincident with the
enabling NCS edge transition. Address or NSL edge
transitions can occur later than the specified setup
times to NCS; however, the valid data access time will
be delayed. Any address edge transition, which
occurs during the time when NCS is low, will initiate a
new read access, and data outputs will not become
valid until TAVQV time following the address edge
transition. Data outputs will enter a high impedance
state TSHQZ time following a disabling NCS edge
transition.
To control a read cycle with NSL, all addresses and
NCS must be valid prior to or coincident with the
enabling NSL edge transition. Address or NCS edge
transitions can occur later than the specified setup
times to NSL; however, the valid data access time will
be delayed. Any address edge transition, which
occurs during the time when NSL is high will initiate a
new read access, and data outputs will not become
valid until TAVQV time following the address edge
transition. Data outputs will enter a high impedance
state TPLQZ time following a disabling NSL edge
transition.
Write Operation
To perform a write operation, both NWE and NCS
must be low, and NSL must be high.
Consecutive write cycles can be performed by
toggling one of the control signals while the other
remains in their “write” state (NWE or NCS held
continuously low, or NSL held continuously high). At
least one of the control signals must transition to the
opposite state between consecutive write operations.
The write mode can be controlled via three different
control signals: NWE, NCS, and NSL. All three modes
of control are similar, except the NCS and NSL
controlled modes actually disable the RAM during the
write recovery pulse. NSL fully disables the RAM
decode logic and input buffers for power savings.
Only the NWE controlled mode is shown in the table
and diagram on the previous page for simplicity;
however, each mode of control provides the same
write cycle timing characteristics. Thus, some of the
parameter names referenced below are not shown in
the write cycle table or diagram, but indicate which
control pin is in control as it switches high or low. To
write data into the RAM, NWE and NCS must be held
low and NSL must be held high for at least
WLWH/TSLSH/TPHPH time. Any amount of edge
skew between the signals can be tolerated, and any
one of the control signals can initiate or terminate the
write operation. The DATA IN must be valid TDVWH
time prior to switching high.
For consecutive write operations, write pulses (NWE)
must be separated by the minimum specified
WHWL/TSHSL/TPLPL time. Address inputs must be
valid at least TAVWL/TAVSL/TAVPH time before the
enabling NWE/NCS/NSL edge transition, and must
remain valid during the entire write time. A valid data
overlap of write pulse width time of TDVWH/TDVSH/
TDVPL, and an address valid to end of write time of
TAVWH/TAVSH/TAVPL also must be provided for
during the write operation. Hold times for address
inputs and data inputs with respect to the disabling
NWE/NCS/NSL edge transition must be a minimum of
TWHAX/TSHAX/TPLPX time and TWHDX/TSHDX


Similar Part No. - HX6408-VNN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408-VNN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com