Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17C152CM Datasheet(PDF) 3 Page - Exar Corporation

Part # XR17C152CM
Description  5V PCI BUS DUAL UART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17C152CM Datasheet(HTML) 3 Page - Exar Corporation

  XR17C152CM Datasheet HTML 1Page - Exar Corporation XR17C152CM Datasheet HTML 2Page - Exar Corporation XR17C152CM Datasheet HTML 3Page - Exar Corporation XR17C152CM Datasheet HTML 4Page - Exar Corporation XR17C152CM Datasheet HTML 5Page - Exar Corporation XR17C152CM Datasheet HTML 6Page - Exar Corporation XR17C152CM Datasheet HTML 7Page - Exar Corporation XR17C152CM Datasheet HTML 8Page - Exar Corporation XR17C152CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
áç
áç
áç
áç
XR17C152
REV. 1.2.0
5V PCI BUS DUAL UART
3
PIN DESCRIPTIONS
Pin Description
NAME
PIN #TYPE
DESCRIPTION
PCI LOCAL BUS INTERFACE
RST#
86
I
Bus reset input (active low). It resets the PCI local bus configuration space
registers, device configuration registers and UART channel registers to the
default condition, see Table 19 on page 48.
CLK
87
I
Bus clock input of up to 33MHz at 5V.
AD31-AD24,
AD23-AD16,
AD15-AD8,
AD7-AD0
90-97,
2-9,
24-31,
35-42
I/O
Address data lines [31:0] (bidirectional).
FRAME#
13
I
Bus transaction cycle frame (active low). It indicates the beginning and dura-
tion of an access.
C/BE3#-C/BE0#
98, 12,
21, 34
I
Bus Command/Byte Enable [3:0] (active low). This line is multiplexed for bus
Command during the address phase and Byte Enables during the data
phase.
IRDY#
14
I
Initiator Ready (active low). During a write, it indicates that valid data is
present on data bus. During a read, it indicates the master is ready to accept
data.
TRDY#
15
O
Target Ready (active low).
STOP#
17
O
Target request to stop current transaction (active low).
IDSEL
99
I
Initialization device select (active high).
DEVSEL#
16
O
Device select to the XR17C152 (active low).
INTA#
85
OD
Device interrupt from XR17C152 (open drain, active low).
PAR
20
I/O
Parity is even across AD[31:0] and C/BE[3:0]# (bidirectional, active high).
PERR#
18
O
Data Parity error indicator, except for Special Cycle transactions (active low).
Optional in bus target application.
SERR#
19
OD
System error indicator, Address parity or Data parity during Special Cycle
transactions (open drain, active low). Optional in bus target application.
MODEM OR SERIAL I/O INTERFACE
TX0
73
O
UART channel 0 Transmit Data or infrared transmit data. Normal TXD output
idles HIGH while infrared TXD output idles LOW.
RX0
66
I
UART channel 0 Receive Data or infrared receive data. Normal RXD input
idles HIGH while infrared RXD input idles LOW. In the infrared mode, the
polarity of the incoming RXD signal can be selected via FCTR bit-4. If this bit
is a logic 0, a LOW on the RXD input is considered a mark and if this bit is a
logic 1, a HIGH on the RXD input is considered a space.
RTS0#
71
O
UART channel 0 Request to Send or general purpose output (active low). If
this output is not used, leave it unconnected.
CTS0#
67
I
UART channel 0 Clear to Send or general purpose input (active low). This
input should be connected to VCC when not used.
DTR0#
72
O
UART channel 0 Data Terminal Ready or general purpose output (active low).
If this output is not used, leave it unconnected.
DSR0#
68
I
UART channel 0 Data Set Ready or general purpose input (active low). This
input should be connected to VCC when not used.
CD0#
69
I
UART channel 0 Carrier Detect or general purpose input (active low). This
input should be connected to VCC when not used.


Similar Part No. - XR17C152CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154CV EXAR-XR17C154CV Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154CV EXAR-XR17C154CV Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154IV EXAR-XR17C154IV Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
More results

Similar Description - XR17C152CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com