Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2752IL32 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16V2752IL32
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2752IL32 Datasheet(HTML) 4 Page - Exar Corporation

  XR16V2752IL32 Datasheet HTML 1Page - Exar Corporation XR16V2752IL32 Datasheet HTML 2Page - Exar Corporation XR16V2752IL32 Datasheet HTML 3Page - Exar Corporation XR16V2752IL32 Datasheet HTML 4Page - Exar Corporation XR16V2752IL32 Datasheet HTML 5Page - Exar Corporation XR16V2752IL32 Datasheet HTML 6Page - Exar Corporation XR16V2752IL32 Datasheet HTML 7Page - Exar Corporation XR16V2752IL32 Datasheet HTML 8Page - Exar Corporation XR16V2752IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
XR16V2752
PRELIMINARY
4
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
REV. P1.0.0
RXA
24
39
I
UART channel A Receive Data or infrared receive data. Normal receive
data input must idle HIGH. The infrared receiver pulses typically idles
LOW but can be inverted by software control prior going in to the decoder,
see MCR[6] and FCTR[2]. If this pin is not used, tie it to VCC or pull it high
via a 100k ohm resistor.
RTSA#
22
36
O
UART channel A Request-to-Send (active low) or general purpose output.
This output must be asserted prior to using auto RTS flow control, see
EFR[6], MCR[1], FCTR[1:0], EMSR[5:4] and IER[6]. For auto RS485 half-
duplex direction control, see FCTR[3] and EMSR[3].
CTSA#
25
40
I
UART channel A Clear-to-Send (active low) or general purpose input. It
can be used for auto CTS flow control, see EFR[7], and IER[7]. This input
should be connected to VCC when not used.
DTRA#
-
37
O
UART channel A Data-Terminal-Ready (active low) or general purpose
output. If this pin is not used, leave it unconnected.
DSRA#
-
41
I
UART channel A Data-Set-Ready (active low) or general purpose input.
This input should be connected to VCC when not used. This input has no
effect on the UART.
CDA#
-
42
I
UART channel A Carrier-Detect (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect
on the UART.
RIA#
-
43
I
UART channel A Ring-Indicator (active low) or general purpose input. This
input should be connected to VCC when not used. This input has no effect
on the UART.
MFA#
-
35
O
Multi-Function Output Channel A. This output pin can function as the
OP2A#, BAUDOUTA#, or RXRDYA# pin. One of these output signal func-
tions can be selected by the user programmable bits 1-2 of the Alternate
Function Register (AFR). These signal functions are described as follows:
1) OP2A# - When OP2A# (active low) is selected, the MF# pin is LOW
when MCR bit-3 is set to a logic 1 (see MCR bit-3). MCR bit-3 defaults to a
logic 0 condition after a reset or power-up.
2) BAUDOUTA# - When BAUDOUTA# function is selected, the 16X Baud
rate clock output is available at this pin.
3) RXRDYA# - RXRDYA# (active low) is intended for monitoring DMA data
transfers. See
Table 2 for more details.
TXB
16
26
O
UART channel B Transmit Data or infrared encoder data. Standard trans-
mit and receive interface is enabled when MCR[6] = 0. In this mode, the
TX signal will be HIGH during reset or idle (no data). Infrared IrDA transmit
and receive interface is enabled when MCR[6] = 1. In the Infrared mode,
the inactive state (no data) for the Infrared encoder/decoder interface is
LOW. If it is not used, leave it unconnected.
RXB
15
25
I
UART channel B Receive Data or infrared receive data. Normal receive
data input must idle HIGH. The infrared receiver pulses typically idles
LOW but can be inverted by software control prior going in to the decoder,
see MCR[6] and FCTR[2]. If this pin is not used, tie it to VCC or pull it high
via a 100k ohm resistor.
Pin Description
NAME
32-QFN
PIN #
44-PLCC
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2752IL32 EXAR-XR16V2752IL32 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16V2752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com