Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2651IL32 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16V2651IL32
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2651IL32 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16V2651IL32 Datasheet HTML 7Page - Exar Corporation XR16V2651IL32 Datasheet HTML 8Page - Exar Corporation XR16V2651IL32 Datasheet HTML 9Page - Exar Corporation XR16V2651IL32 Datasheet HTML 10Page - Exar Corporation XR16V2651IL32 Datasheet HTML 11Page - Exar Corporation XR16V2651IL32 Datasheet HTML 12Page - Exar Corporation XR16V2651IL32 Datasheet HTML 13Page - Exar Corporation XR16V2651IL32 Datasheet HTML 14Page - Exar Corporation XR16V2651IL32 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
PRELIMINARY
XR16V2651
11
REV. P1.0.0
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
2.8
Crystal Oscillator or External Clock Input
The V2651 includes an on-chip oscillator (XTAL1 and XTAL2) to produce a clock for both UART sections in the
device. The CPU data bus does not require this clock for bus operation. The crystal oscillator provides a
system clock to the Baud Rate Generators (BRG) section found in each of the UART. XTAL1 is the input to the
oscillator or external clock buffer input with XTAL2 pin being the output. For programming details, see
““Section 2.9, Programmable Baud Rate Generator with Fractional Divisor” on page 11.”
FIGURE 4. TYPICAL CRYSTAL CONNECTIONS
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100 ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). The programmable Baud
Rate Generator is capable of operating with a crystal oscillator frequency of up to 24 MHz. However, with an
external clock input on XTAL1 pin, it can extend its operation up to 64 MHz (16 Mbps serial data rate) at 3.3V
with an 4X sampling rate. For further reading on the oscillator circuit please see the Application Note DAN108
on the EXAR web site at http://www.exar.com.
2.9
Programmable Baud Rate Generator with Fractional Divisor
Each UART has its own Baud Rate Generator (BRG) with a prescaler for the transmitter and receiver. The
prescaler is controlled by a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide
the input crystal or external clock by 1 or 4. The output of the prescaler clocks to the BRG. The BRG further
divides this clock by a programmable divisor between 1 and (216 - 0.0625) in increments of 0.0625 (1/16) to
obtain a 16X or 8X or 4X sampling clock of the serial data rate. The sampling clock is used by the transmitter
for data bit shifting and receiver for data sampling. The BRG divisor (DLL, DLM and DLD registers) defaults to
the value of ’1’ (DLL = 0x01, DLM = 0x00 and DLD = 0x00) upon reset. Therefore, the BRG must be
programmed during initialization to the operating data rate. The DLL and DLM registers provide the integer part
of the divisor and the DLD register provides the fractional part of the dvisior. Only the four lower bits of the DLD
are implemented and they are used to select a value from 0 (for setting 0000) to 0.9375 or 15/16 (for setting
1111). Programming the Baud Rate Generator Registers DLL, DLM and DLD provides the capability for
selecting the operating data rate. Table 6 shows the standard data rates available with a 24MHz crystal or
external clock at 16X clock rate. If the pre-scaler is used (MCR bit-7 = 1), the output data rate will be 4 times
less than that shown in Table 6. At 8X sampling rate, these data rates would double and at 4X sampling rate,
they would quadruple. Also, when using 8X or 4X sampling mode, please note that the bit-time will have a jitter
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2


Similar Part No. - XR16V2651IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2651IL32 EXAR-XR16V2651IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16V2651IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com