Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L651CM Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16L651CM
Description  2.25V TO 5.5V UART WITH 32-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L651CM Datasheet(HTML) 3 Page - Exar Corporation

  XR16L651CM Datasheet HTML 1Page - Exar Corporation XR16L651CM Datasheet HTML 2Page - Exar Corporation XR16L651CM Datasheet HTML 3Page - Exar Corporation XR16L651CM Datasheet HTML 4Page - Exar Corporation XR16L651CM Datasheet HTML 5Page - Exar Corporation XR16L651CM Datasheet HTML 6Page - Exar Corporation XR16L651CM Datasheet HTML 7Page - Exar Corporation XR16L651CM Datasheet HTML 8Page - Exar Corporation XR16L651CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
áç
áç
áç
áç
XR16L651
REV. 1.3.0
2.25V TO 5.5V UART WITH 32-BYTE FIFO
3
PIN DESCRIPTIONS
NAME
PIN #TYPE
DESCRIPTION
16 (Intel) or 68 (Motorola) MODE DATA BUS INTERFACE. The PCMODE# pin is connected to VCC.
A2
A1
A0
26
27
28
I
Address bus lines [2:0]
A2:A0 selects internal UART’s configuration registers.
D7
D6
D5
D4
D3
D2
D1
D0
4
3
2
48
47
46
45
44
IO
Data bus lines [7:0] (bidirectional)
IOR#
19
I
Input/Output Read (active low)
When IM# pin is at logic 0, it selects Intel bus interface and this input is read
strobe (active low). The falling edge instigates an internal read cycle and
retrieves the data byte from an internal register pointed by the address lines
[A2:A0], places it on the data bus to allow the host processor to read it on the
leading edge. When IM# pin is at logic 1, it selects Motorola bus interface and
the IOR# input is not used and it should be connected to GND to minimize
supply current. Its function is the same as IOR, except it is active low. Either
an active IOR# or IOR is required to transfer data from 651 to CPU during a
read operation. If this input is unused in the Intel bus mode (IM# pin is at
logic 0), it should be connected to VCC to minimize supply current.
IOR
20
I
Input/Output Read (active high)
Same as IOR# but active high. When IM# pin is at logic 1 for Motorola bus
mode, this pin is not used and should be connected to GND to minimize sup-
ply current. If this input is unused in the Intel bus mode (IM# pin is at logic 0),
it should be connected to GND to minimize supply current.
IOW#
(R/W#)
16
I
Input/Output Write (active low) - Intel bus mode
When IM# pin is at logic 0, it selects the Intel bus interface and this input
becomes the write strobe (active low). The falling edge instigates the internal
write cycle and the trailing edge transfers the data byte on the data bus to an
internal register pointed by the address lines [A2:A0]. Its function is the same
as IOW, except it is active low. Either an active IOW# or IOW is required to
transfer data from 651 to the Intel type CPU during a write operation. If this
input is unused (in the Intel bus mode), it should be connected to VCC to min-
imize supply current.
Read/Write Strobe - Motorola bus mode
When IM# pin is at logic 1, it selects Motorola bus interface and this input
becomes R/W# signal for read (logic 1) and write (logic 0).
IOW
17
I
Input/Output Write (active high)
Same as IOW# but active high. When IM# pin is at logic 1 for Motorola bus
mode, this pin must be connected to GND to allow IOW# input to function cor-
rectly. If this input is unused in the Intel bus mode (IM# pin is at logic 0), it
should be connected to GND to minimize supply current.


Similar Part No. - XR16L651CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450 EXAR-XR16L2450 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IJ EXAR-XR16L2450IJ Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IJ EXAR-XR16L2450IJ Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L2450IM EXAR-XR16L2450IM Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
More results

Similar Description - XR16L651CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A_09 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2750 EXAR-XR16L2750 Datasheet
602Kb / 49P
   2.25V TO 5.5V DUART WITH 64-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com