Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6408KVHN Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HX6408KVHN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408KVHN Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HX6408KVHN Datasheet HTML 1Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408KVHN Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HX6408
Advanced Information
4
www.honeywell.com
RADIATION HARDNESS RATINGS (1)
Parameter
Limits (2)
Units
Test Conditions
Total Dose
≥3X10
5
≥1X10
6
rad(SiO2)
TA=25°C
Transient Dose Rate Upset
≥1X10
10
rad(Si)/s
Pulse width ≤50 ns
VDD>3.6V, TA=25°C
Transient Dose Rate Survivability
≥1X10
12
rad(Si)/s
Pulse width ≤50 ns, X-
ray,VDD=3.6V,
TA=25°C
Soft Error Rate
<1X10
-10
Upsets/bit-day
TA= 85°C, Adams 90%
worst case environment
Neutron Fluence
≥1X10
14
N/cm
2
1MeV equivalent
energy, Unbiased,
TA=25°C
(1) Device will not latch up due to any of the specified radiation exposure conditions.
(2) Operating conditions (unless otherwise specified): VDD=3.0V to 3.6V, TA=-55
oC to 125oC
ABSOLUTE MAXIMUM RATINGS (1)
Rating
Symbol
Parameter
Min
Max
Units
VDD
Supply Voltage Range (2)
-0.5
4.6
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
150
°C
TSOLDER
Soldering Temperature (5 seconds)
270
°C
PD
Maximum Power Dissipation (3)
2.5
W
IOUT
DC or Average Output Current
25
mA
VPROT
EST Input Protection Voltage (4)
2000
V
36 Pin FP
2
ΘJC
Thermal Resistance (Jct-to-Case)
°C/W
TJ
Junction Temperature
175
°C
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is
not implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this
specification.
(4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DSEC certified lab.
RECOMMENDED OPERATING CONDITIONS
Description
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply Voltage (referenced to VSS)
3.0
3.3
3.6
V
TA
Ambient Temperature
-55
25
125
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
VDDRAMP
VDD Turn on ramp time
50
ms


Similar Part No. - HX6408KVHN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408KVHN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com