Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C2550IM Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16C2550IM
Description  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2550IM Datasheet(HTML) 1 Page - Exar Corporation

  XR16C2550IM Datasheet HTML 1Page - Exar Corporation XR16C2550IM Datasheet HTML 2Page - Exar Corporation XR16C2550IM Datasheet HTML 3Page - Exar Corporation XR16C2550IM Datasheet HTML 4Page - Exar Corporation XR16C2550IM Datasheet HTML 5Page - Exar Corporation XR16C2550IM Datasheet HTML 6Page - Exar Corporation XR16C2550IM Datasheet HTML 7Page - Exar Corporation XR16C2550IM Datasheet HTML 8Page - Exar Corporation XR16C2550IM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
xr
XR16C2550
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
JANUARY 2005
REV. 1.0.1
GENERAL DESCRIPTION
The XR16C2550 (2550) is a dual universal
asynchronous receiver and transmitter (UART). The
XR16C2550 is an improved version of the PC16550
UART with higher operating speed and faster access
times. The 2550 provides enhanced UART functions
with 16 byte FIFO’s, a modem control interface, and
data rates up to 4 Mbps. Onboard status registers
provide
the
user
with
error
indications
and
operational status. System interrupts and modem
control features may be tailored by external software
to meet specific user requirements. Independent
programmable baud rate generators are provided to
select transmit and receive clock rates from 50 bps to
4 Mbps. The Baud Rate Generator can be configured
for either crystal or external clock input. An internal
loopback capability allows onboard diagnostics. The
2550 is available in a 44-pin PLCC and 48-pin TQFP
packages. The 2550 is fabricated in an advanced
CMOS process capable of operating from 2.97 volt to
5.5 volt power supply.
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
2.97 Volt to 5.5 Volt Operation
5 Volt Tolerant Inputs
Pin-to-pin compatible to Exar’s ST16C2450,
XR16L2550 and XR16L2750
Pin-to-pin compatible to TI’s TL16C752B on the 48-
TQFP package
Pin alike XR16C2850 48-TQFP package but
without CLK8/16, CLKSEL and HDCNTL inputs
2 independent UART channels
Up to 4 Mbps with external clock of 64 MHz
Up to 1.5 Mbps data rate with a 24 MHz crystal
frequency
16 byte Transmit FIFO to reduce the bandwidth
requirement of the external CPU
16 byte Receive FIFO with error tags to reduce
the bandwidth requirement of the external CPU
4 selectable Receive FIFO interrupt trigger
levels
Modem control signals (CTS#, RTS#, DSR#,
DTR#, RI#, CD#)
Programmable character lengths (5, 6, 7, 8)
with even, odd, or no parity
Crystal oscillator or external clock input
48-TQFP and 44-PLCC packages
FIGURE 1. XR16C2550 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc / Buffer
TXA , RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
8- bit Data
Bus
Interface
UART Channel A
16 Byte TX FIFO
16 Byte RX FIFO
BRG
TX & RX
UART
Regs
2.97 V to5.5V
GND
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
( same as Channel A )
A2:A0
D7:D0
CSA#
CSB#
INTA
INTB
IOW#
IOR#
Reset
TXRDYA#
TXRDYB#
RXRDYA#
RDRXYB#
*All inputs are 5V tolerant


Similar Part No. - XR16C2550IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2550IM EXAR-XR16C2550IM Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Similar Description - XR16C2550IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com