Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKM8053BM Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EKM8053BM
Description  USB & PS/2 Optical Mouse Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKM8053BM Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EKM8053BM Datasheet HTML 1Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 2Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 3Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 4Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 5Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 6Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 7Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 8Page - ELAN Microelectronics Corp EKM8053BM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
eKM8053
USB & PS/2 Optical Mouse Controller
3
Revision1.01 (5300)
2006/7/11
This specification is subject to be changed without notice
◆ eKM8053C (20-Pin) for 3D5Buttons
□□□□□□□□
4 3 2 1 20191817
CPIS
1
20
Z1
L KEY
2
19
Z2
(0,0)
R KEY
3
18
IR_C
+
M KEY
4
17
PD
SCLK
5
16
SDIO
P KEY/K_OP
6
15
N KEY
VSS
7
14
D+ / CLK
□ 5
16 □
VSS
8
13
D- / DATA
□ 6
15 □
V3.3
9
12
VDD
□ 8
9
10111213 14 □
OSCI
10
11
OSCO
□□□□
eKM8053C (20-Pin)
Bounding PAD
Symbol
I/O
PIN
Function
CPIS
I
1
400/800 CPI Selection Pin ; V3.3 : 800 CPI ; GND : 400 CPI
L KEY
I
2
Left Key Input
R KEY
I
3
Right Key Input
M KEY
I
4
Middle Key Input
SCLK
I/O
5
Serial Clock to Agilent sensor IC SCLK
K_OP
I
6
3D3K/3D5K Selection Pin,Connect to V3.3 for 3D3K;Pull Low 1Mohm to GND for 3D5K
P KEY
I
6
Previous KEY Input
VSS
-
7,8
GND
V3.3V
O
9
3.3V DC voltage output from internal regulator. This pin has to be tied to a 4.7μF capacitor.
OSCI
I
10
6MHz ceramic resonator input.
OSCO
I/O
11
Return path for 6-MHz ceramic resonator.
VDD
-
12
5 V Power Input
D- / DATA
I/O
13
USB D- or PS/2 Data I/O
D+ / CLK
I/O
14
USB D+ or PS/2 CLK I/O
N KEY
I
15
Next KEY Input
SDIO
I/O
16
Serial Data from Agilent sensor IC SDIO
PD
I
17
2051 Power Down Pin
IR_C
I/O
18
IR Control Pin#1
Z2
I
19
Z axis Input 2
Z1
I
20
Z axis Input 1


Similar Part No. - EKM8053BM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
More results

Similar Description - EKM8053BM

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
logo
Holtek Semiconductor In...
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M23A HOLTEK-HT82M23A Datasheet
169Kb / 14P
   3/5-Key USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
   PS/2 OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com