Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5KP100A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # S5KP100A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S5KP100A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  S5KP100A Datasheet HTML 1Page - EIC discrete Semiconductors S5KP100A Datasheet HTML 2Page - EIC discrete Semiconductors S5KP100A Datasheet HTML 3Page - EIC discrete Semiconductors S5KP100A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S5KP SERIES
TRANSIENT VOLTAGE
SUPPRESSOR
VBR : 5.0 - 180 Volts
PPK : 5000 Watts
FEATURES :
* 5000W Peak Pulse Power
* Excellent clamping capability
* Low incremental surge resistance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Pb / RoHS Free
MECHANICAL DATA
* Case : D
2PAK(TO-263)
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Heatsink is Anode
* Mounting position : Any
* Weight : 1.7 grams (approximately)
DEVICES FOR BIPOLAR APPLICATIONS
For Bi-directional use C or CA Suffix
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation at tp = 1ms
(Note 1, Fig. 4)
Steady State Power DissipationW
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note 2)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
Page 1 of 4
Rev. 01 : April 27, 2005
PPK
Minimum 5000W
8.0
IFSM
400A
PD
0.189(4.8)
0.137(4.4)
0.055(1.4)
0.047(1.2)
0.026(0.7)
0.011(0.3)
0.409(10.4)
0.387(9.80)
0.236(6.0)
0.197(5.0)
0.110(2.8)
0.035(0.9)max.
0.055(1.4)
0.039(1.0)
0.108(2.75)
0.092(2.35)
0.108(2.75)
0.092(2.35)
0.24(6.096)
0.04(1.016)
0.33(8.38)
0.42(10.66)
0.63(17.02)
0.08(2.032)
D
2PAK
Dimensions in inches and ( millimeters )


Similar Part No. - S5KP100A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
S5KP JUXING-S5KP Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Diodes Incorporated
S5KP5M DIODES-S5KP5M Datasheet
734Kb / 5P
   5A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI5
Rev. 3 - 2 October 2022
S5KP5M-13 DIODES-S5KP5M-13 Datasheet
734Kb / 5P
   5A SURFACE MOUNT STANDARD RECOVERY RECTIFIER PowerDI5
Rev. 3 - 2 October 2022
More results

Similar Description - S5KP100A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com