Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPD68 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZPD68
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZPD68 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZPD68 Datasheet HTML 1Page - EIC discrete Semiconductors ZPD68 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Dynamic Resistance
Reverse
Temp. coefficient
Admissible
Type
VZ @ IZT
at IZ=5mA
at IZ=1mA
Voltage
of Zener Voltage at IZT Zener Current
Nom
1)
IZT
f = 1 kHz
f = 1 kHz
at IR = 100 nA
IZ
(V)
(mA)
rzj (
Ω)
rzj (
Ω)
VR (V)
min.
max.
(mA)
ZPD2.7
2.7
5
6.5 (< 8)
< 500
-
-9
-4
160
ZPD3.0
3.0
5
75 (< 83)
< 500
-
-9
-3
140
ZPD3.3
3.3
5
80 (< 95)
< 500
-
-8
-3
130
ZPD3.6
3.6
5
80 (< 95)
< 500
-
-8
-3
120
ZPD3.9
3.9
5
80 (< 95)
< 500
-
-7
-3
110
ZPD4.3
4.3
5
80 (< 95)
< 500
-
-6
-1
100
ZPD4.7
4.7
5
70 (< 78)
< 500
-
-5
+2
90
ZPD5.1
5.1
5
30 (< 60)
< 480
> 0.8
-3
+4
80
ZPD5.6
5.6
5
10 (< 40)
< 400
> 1
-2
+6
70
ZPD6.2
6.2
5
4.8 (< 10)
< 200
> 2
-1
+7
64
ZPD6.8
6.8
5
4.5 (< 8)
< 150
> 3
+2
+7
58
ZPD7.5
7.5
5
4 (< 7)
< 50
> 5
+3
+7
53
ZPD8.2
8.2
5
4.5 (< 7)
< 50
> 6
+4
+7
47
ZPD9.1
9.1
5
4.8 (< 10)
< 50
> 7
+5
+8
43
ZPD10
10
5
5.2 (< 15)
< 70
> 7.5
+5
+8
40
ZPD11
11
5
6 (< 20)
< 70
> 8.5
+5
+9
36
ZPD12
12
5
7 (< 20)
< 90
> 9
+6
+9
32
ZPD13
13
5
9 (< 25)
< 110
> 10
+7
+9
29
ZPD15
15
5
11 (< 30)
< 110
> 11
+7
+9
27
ZPD16
16
5
13 (< 40)
< 170
> 12
+8
+9.5
24
ZPD18
18
5
18 (< 50)
< 170
> 14
+8
+9.5
21
ZPD20
20
5
20 (< 50)
< 220
> 15
+8
+10
20
ZPD22
22
5
25 (< 55)
< 220
> 17
+8
+10
18
ZPD24
24
5
28 (< 80)
< 220
> 18
+8
+10
16
ZPD27
27
5
30 (< 80)
< 250
> 20
+8
+10
14
ZPD30
30
5
35 (< 80)
< 250
> 22.5
+8
+10
13
ZPD33
33
5
40 (< 80)
< 250
> 25
+8
+10
12
ZPD36
36
5
40 (< 90)
< 250
> 27
+8
+10
11
ZPD39
39
5
50 (< 90)
< 300
> 29
+10
+12
10
ZPD43
43
5
60 (< 100)
< 700
> 32
+10
+12
9.2
ZPD47
47
5
70 (< 100)
< 750
> 35
+10
+12
8.5
ZPD51
51
5
70 (< 100)
< 750
> 38
+10
+12
7.8
ZPD56
56
2.5
< 135
(3)
< 1000
(4)
> 42
+10 (typ.)
7.1
ZPD62
62
2.5
< 150
(3)
< 1000
(4)
> 47
+ 10 (typ.)
6.4
ZPD68
68
2.5
< 200
(3)
< 1000
(4)
> 51
+ 10 (typ.)
5.8
ZPD75
75
2.5
< 250
(3)
<1500
(4)
> 55
+ 10 (typ.)
5.3
Notes : 1) Tested with pulses tp = 5 ms
2) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
3) at IZ = 2.5mA
4) at IZ = 0.5mA
5) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%.
Page 2 of 2
Rev. 02 : March 25, 2005
α
vz(10
-4 /
°C)


Similar Part No. - ZPD68

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
ZPD68 CHENYI-ZPD68 Datasheet
107Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
ZPD68 DIODES-ZPD68 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
General Semiconductor
ZPD68 GE-ZPD68 Datasheet
370Kb / 8P
   ZENER DIODES
logo
GOOD-ARK Electronics
ZPD68 GOOD-ARK-ZPD68 Datasheet
155Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZPD68 DIOTEC-ZPD68 Datasheet
110Kb / 2P
   Silicon-Planar-Zener-Diodes
More results

Similar Description - ZPD68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com