Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6408XVFN Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HX6408XVFN
Description  512k x 8 STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6408XVFN Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HX6408XVFN Datasheet HTML 2Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6408XVFN Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HX6408
Advanced Information
6
www.honeywell.com
DATA RETENTION CHARACTERISTICS
Worst Case (2)
Symbol
Parameter
Typical
(1)
Min
Max
Units
Test Conditions
VDR
Data Retention Voltage
2.0
V
NCS=VDR
VI=VDR or VSS
IDR
Data Retention Current
3
mA
NCS=VDD=VDR
VI=VRD or VSS
(1) Typical operating conditions: TA=25°C, pre-radiation.
(2) Worst case operating conditions: TA=-55°C to +125°C, post dose at 25°C
TESTER EQUIVALENT LOAD CIRCUIT
* CL = 5pf for TWQZ, TSHQZ, TPLQZ, and TGHQZ
Tester AC Timing Characteristics
Input Levels *
VDD
VSS
Output Sense
Levels
VDD/2
VDD – 0.4V
0.4V
High Z
High Z
(VDD/2) + 0.2V
(VDD/2) - 0.2V
High Z = VDD/2
*
Input rise and fall times <5 ns.
DUT
Output
Valid Low
Output
Valid High
Output
1.9V
249
V1
V2
CL < 50 pf *


Similar Part No. - HX6408XVFN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
   iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
More results

Similar Description - HX6408XVFN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com