Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY36 Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # ZMY36
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMY36 Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  ZMY36 Datasheet HTML 1Page - EIC discrete Semiconductors ZMY36 Datasheet HTML 2Page - EIC discrete Semiconductors ZMY36 Datasheet HTML 3Page - EIC discrete Semiconductors ZMY36 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ZMY3.9 ~ ZMY100)
Breakdown Characteristics
TJ = Constant (Pulsed)
Page 4 of 4
Rev. 03 : May 11, 2005
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140
0
10
20
ZMY56
ZMY68
ZMY82
ZMY100
VZ, Zener Voltage (Volts)
0
25
50
75
100
125
150
175
200
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta, Ambient Temperature (
°C)
TJ = 25°C
Power Temperature Derating Curve
Test current Iz
10mA
5mA


Similar Part No. - ZMY36

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY36 SEMTECH-ZMY36 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY36 VISHAY-ZMY36 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
logo
SUNMATE electronic Co.,...
ZMY36 SUNMATE-ZMY36 Datasheet
1Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
General Semiconductor
ZMY36 GE-ZMY36 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZMY36 DIOTEC-ZMY36 Datasheet
174Kb / 3P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY36

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com