Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z047A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # Z047A
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

Z047A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  Z047A Datasheet HTML 1Page - EIC discrete Semiconductors Z047A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Test
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Current
Impedance
Leakage Current
Zener Current
Surge Current
VZ @ IZT
ZZT @ IZT ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
(mApk)
Z043A
43
2.75
70
1500
0.25
5.0
32
11
52
Z047A
47
2.40
80
1500
0.25
5.0
35
9.6
47
Z051A
51
2.23
95
1500
0.25
5.0
38
8.9
44
Z056A
56
2.00
110
2000
0.25
5.0
42
8.0
40
Z062A
62
1.83
125
2000
0.25
5.0
47
7.3
36
Z068A
68
1.65
150
2000
0.25
5.0
52
6.6
33
Z075A
75
1.50
175
2000
0.25
5.0
57
6.0
30
Z082A
82
1.37
200
3000
0.25
5.0
62
5.5
27
Z091A
91
1.25
250
3000
0.25
5.0
73
5.0
24
Z0100A
100
1.12
350
3000
0.25
5.0
76
4.5
22
Z0110A
110
1.00
450
4000
0.25
5.0
83
4.1
20
Z0120A
120
0.95
550
4500
0.25
5.0
91
3.8
18
Z0130A
130
0.88
700
5000
0.25
5.0
98
3.5
17
Z0150A
150
0.75
1000
6000
0.25
5.0
114
3.0
15
Z0160A
160
0.70
1100
6500
0.25
5.0
121
2.8
14
Z0180A
180
0.62
1400
7000
0.25
5.0
136
2.5
12.5
Z0190A
190
0.57
1400
7500
0.25
5.0
144
2.3
11.8
Z0200A
200
0.55
1900
9990
0.25
5.0
152
2.2
11.2
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5%.
Add suffix "B" for ± 2% tolerance.No suffix for ±10% tolerance
Page 2 of 2
Rev. 04 : May 29, 2006
IZT
Type No.
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - Z047A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
Z047 EIC-Z047 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
Z047B EIC-Z047B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - Z047A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com