Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD8.2JSAB1 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # RD8.2JSAB1
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD8.2JSAB1 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  RD8.2JSAB1 Datasheet HTML 1Page - EIC discrete Semiconductors RD8.2JSAB1 Datasheet HTML 2Page - EIC discrete Semiconductors RD8.2JSAB1 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Dynamic
Knee Dynamic
Reverse
Type
Zener Voltage
1)
Impedance
Impedance
Current
Number
VZ (V)
ZZ(Ω)
ZZK(Ω)
IR(µA)
Min.
Max.
IZ (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
Suffix
Page 2 of 3
Rev. 02 : March 25, 2005
AB
15.37
17.09
AB1
15.37
16.01
AB2
15.85
16.51
AB3
16.35
17.09
AB
16.94
19.03
AB1
16.94
17.70
AB2
17.56
18.53
AB3
18.21
19.03
AB
18.86
21.08
AB1
18.86
19.70
AB2
19.52
20.39
AB3
20.21
21.08
AB
20.88
23.17
AB1
20.88
21.77
AB2
21.54
22.47
AB3
22.23
23.17
AB
22.93
25.57
AB1
22.93
23.96
AB2
23.72
24.78
AB3
24.54
25.57
AB
25.20
28.61
AB1
25.20
26.50
AB2
26.19
27.53
AB3
27.21
28.61
AB
28.22
31.74
AB1
28.22
29.66
AB2
29.19
30.69
AB3
30.20
31.74
AB
32.18
34.83
AB1
32.18
32.78
AB2
32.15
33.79
AB3
33.13
34.83
AB
34.12
37.91
AB1
34.12
35.86
AB2
35.07
36.87
AB3
36.07
37.91
AB
37.04
40.99
AB1
37.04
38.94
AB2
38.00
39.94
AB3
38.99
40.99
Notes:
(1) tested with pulse (40 ms).
(2) ZZ and ZZK are measured at IZ by given a very small A.C. current signal.
(3) Suffix AB is suffix AB1, AB2 or suffix AB3.
Page 3 of 3
Rev. 02 : March 25, 2005
5
360
300
5
30
5
360
0.5
0.1
300
5
27
0.5
0.1
25
0.1
0.5
5
250
5
250
5
200
5
200
0.5
0.1
23
0.5
0.1
21
5
150
5
150
5
120
5
120
0.5
0.1
19
0.5
0.1
17
5
100
5
100
5
85
5
100
0.1
15
0.5
0.1
13
65
5
80
0.5
0.1
12
0.5
50
5
80
RD36JS
RD18JS
RD20JS
RD22JS
RD39JS
RD24JS
RD27JS
RD30JS
RD33JS
5
5
RD16JS


Similar Part No. - RD8.2JSAB1

ManufacturerPart #DatasheetDescription
logo
NEC
RD8.2JS NEC-RD8.2JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
EIC discrete Semiconduc...
RD8.2JS EIC-RD8.2JS Datasheet
66Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - RD8.2JSAB1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com