Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD9.1JSAB Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # RD9.1JSAB
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD9.1JSAB Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  RD9.1JSAB Datasheet HTML 1Page - EIC discrete Semiconductors RD9.1JSAB Datasheet HTML 2Page - EIC discrete Semiconductors RD9.1JSAB Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Dynamic
Knee Dynamic
Reverse
Type
Zener Voltage
1)
Impedance
Impedance
Current
Number
VZ (V)
ZZ(Ω)
ZZK(Ω)
IR(µA)
Min.
Max.
IZ (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
AB
4.42
4.90
AB1
4.42
4.61
AB2
4.55
4.75
AB3
4.69
4.90
AB
4.84
5.37
AB1
4.84
5.04
AB2
4.98
5.20
AB3
5.14
5.37
AB
5.31
5.92
AB1
5.31
5.55
AB2
5.49
5.73
AB3
5.67
5.92
AB
5.86
6.53
AB1
5.86
6.12
AB2
6.06
6.33
AB3
6.26
6.53
AB
6.47
7.14
AB1
6.47
6.73
AB2
6.65
6.93
AB3
6.86
7.14
AB
7.06
7.84
AB1
7.06
7.36
AB2
7.28
7.60
AB3
7.52
7.84
AB
7.76
8.64
AB1
7.76
8.10
AB2
8.02
8.36
AB3
8.28
8.64
AB
8.56
9.55
AB1
8.56
8.93
AB2
8.85
9.23
AB3
9.15
9.55
AB
9.45
10.55
AB1
9.45
9.87
AB2
9.77
10.21
AB3
10.11
10.55
AB
10.44
11.56
AB1
10.44
10.88
AB2
10.76
11.22
AB3
11.10
11.56
AB
11.42
12.60
AB1
11.42
11.90
AB2
11.74
12.24
AB3
12.08
12.60
AB
12.47
13.69
AB1
12.47
13.03
AB2
12.91
13.49
AB3
13.37
13.96
AB
13.84
15.52
AB1
13.84
14.46
AB2
14.34
14.98
AB3
14.85
15.52
Suffix
0.5
0.1
11
42
5
80
0.1
10
37
5
80
0.5
0.1
9.0
30
5
80
0.5
0.1
8.0
30
5
60
0.5
0.5
60
5
30
7.0
0.1
0.5
6.0
30
5
60
0.5
0.5
5.0
30
5
60
0.5
4.0
30
5
60
0.5
40
5
60
0.5
0.5
0.5
3.5
0.5
1.0
3.0
5
60
5
100
5
80
5
500
0.5
2.0
1.5
0.5
1.0
2.5
5
60
5
200
5
100
5
800
0.5
2.0
1.0
5
5
5
5
5
5
RD6.8JS
RD7.5JS
5
5
5
RD15JS
RD8.2JS
RD9.1JS
RD10JS
RD11JS
RD12JS
RD13JS
RD4.7JS
RD5.1JS
RD5.6JS
RD6.2JS


Similar Part No. - RD9.1JSAB

ManufacturerPart #DatasheetDescription
logo
NEC
RD9.1JS NEC-RD9.1JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
EIC discrete Semiconduc...
RD9.1JS EIC-RD9.1JS Datasheet
66Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - RD9.1JSAB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com