Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S15VB20 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # S15VB20
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S15VB20 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  S15VB20 Datasheet HTML 1Page - EIC discrete Semiconductors S15VB20 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( S15VB20 ~ S15VB60 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
PER DIODE
Page 2 of 2
Rev. 01 : April 2, 2002
9
6
3
18
15
100
10
1.0
200
0
300
0
150
100
50
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED
REVERSE VOLTAGE, (%)
TJ = 25
°C
Pulse test per one
diode
50 Hz Sine Wave, Non-repetitive
1 Cycle Peak Value
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
12
250
10
20
60
1
2
4
6
40
100
1.2
1.4
1.8
0.4
0.6
0.8
1.0
1.6
FORWARD VOLTAGE, VOLTS
HEAT-SINK MOUNTING, Tc
5" x 4" x 3" THK.
(12.7cm x 12.7cm x 7.3cm)
Al.-Finned plate


Similar Part No. - S15VB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
   Bridge Diode(200V 15A)
logo
Leshan Radio Company
S15VB20 LRC-S15VB20 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
158Kb / 1P
   SEMICONDUCTOR
logo
Leshan Radio Company
S15VB20 LRC-S15VB20 Datasheet
201Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
New Jersey Semi-Conduct...
S15VB20 NJSEMI-S15VB20 Datasheet
145Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - S15VB20

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com