Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR3510W Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FBR3510W
Description  FAST RECOVERY BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FBR3510W Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FBR3510W Datasheet HTML 1Page - EIC discrete Semiconductors FBR3510W Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FBR3500W - FBR3510W
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 35 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally
mounted in the bridge encapsulation
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Bolt down on heat-sink
with silicone thermal compound between
bridge and mounting surface for maximum
heat transfer efficiency
* Weight : 15.95 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FBR
3500W
FBR
3501W
FBR
3502W
FBR
3504W
FBR
3506W
FBR
3508W
FBR
3510W
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 55
°C
IF(AV)
35
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
660
A
2S
Maximum Forward Voltage drop per Diode at IF = 17.5 A
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance per diode (Note 2)
R
θJC
10
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2 ) Thermal Resistance from junction to case with units mounted on a 7.5" x 3.5" x 4.6" (19cm.x 9cm.x 11.8cm.) Al.-Finned Plate
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
400
A
BR50W
Dimensions in inches and ( millimeters )
0.042 (1.06)
0.038 (0.96)
0.310 (7.87)
0.280(7.11)
1.2 (30.5)
MIN.
0.470 (11.9)
0.430 (10.9)
0.21 (5.3)
0.20 (5.1)
0.732 (18.6)
0.692 (17.5)
1.130 (28.7)
1.120 (28.4)
* Pb / RoHS Free


Similar Part No. - FBR3510W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR3510W EIC-FBR3510W Datasheet
52Kb / 2P
   FAST RECOVERY
More results

Similar Description - FBR3510W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR2500 EIC-FBR2500 Datasheet
20Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR600 EIC-FBR600 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR800 EIC-FBR800 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR5000 EIC-FBR5000_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
logo
Dongguan City Niuhang E...
RYBS80005 NIUHANG-RYBS80005 Datasheet
234Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Central Semiconductor C...
PDN01090 CENTRAL-PDN01090 Datasheet
286Kb / 4P
   Bridge Rectifiers, Fast Recovery
logo
EIC discrete Semiconduc...
FBR1500 EIC-FBR1500 Datasheet
43Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FKBL400 EIC-FKBL400 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FKBP200 EIC-FKBP200 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FBR2500 EIC-FBR2500_V01 Datasheet
81Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com