Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR204 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # DR204
Description  SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

DR204 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  DR204 Datasheet HTML 1Page - EIC discrete Semiconductors DR204 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DR200 - DR210
SILICON RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL DR200 DR201 DR202 DR204 DR206 DR208 DR210
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length Ta = 50
°C
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 2.0 Amps.
VF
1.0
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
75
pF
Typical Thermal Resistance (Note2)
R
θJA
20
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
A
A
2.0
IF
IFSM
75
0.034 (0.86)
0.028 (0.71)
D2
0.161 (4.10)
0.154 (3.90)
Dimensions in inches and ( millimeters )
0.284 (7.20)
0.268 (6.84)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
* Pb / RoHS Free


Similar Part No. - DR204

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
DR204 SYNSEMI-DR204 Datasheet
31Kb / 2P
   SILICON RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
DR204 SUNMATE-DR204 Datasheet
302Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
DR204G EIC-DR204G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
GOOD-ARK Electronics
DR204G GOOD-ARK-DR204G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - DR204

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
   SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
10A01 EIC-10A01 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
1SR139-100 EIC-1SR139-100 Datasheet
31Kb / 2P
   SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com