Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP20CA Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # 5KP20CA
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

5KP20CA Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  5KP20CA Datasheet HTML 1Page - EIC discrete Semiconductors 5KP20CA Datasheet HTML 2Page - EIC discrete Semiconductors 5KP20CA Datasheet HTML 3Page - EIC discrete Semiconductors 5KP20CA Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( 5KP5.0C SERIES )
FIG.1 - PULSE DERATING CURVE
FIG.2 - PULSE WAVEFORM
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
Page 4 of 4
Rev.
06 : March 25, 2005
80
60
40
20
120
8.0
100
10
0
2.0
6.0
0
0.1
4.0
1.0
tp, PULSE WIDTH
100
100
125
175
0
25
50
75
150
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
tp
50
100
0
Tr = 10
µs
Peak Value
IRSM
Half Value - IRSM
T, TIME(ms)
1.0
2.0
3.0
4.0
0
2
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 Waveform
as defined by R.E.A.
Single Phase Half Wave
60 Hz Resistive or Inductive load


Similar Part No. - 5KP20CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP20CA LUGUANG-5KP20CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP20CA SURGE-5KP20CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
SeCoS Halbleitertechnol...
5KP20CA SECOS-5KP20CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Littelfuse
5KP20CA LITTELFUSE-5KP20CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
DAESAN ELECTRONIC CORP.
5KP20CA DAESAN-5KP20CA Datasheet
375Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP20CA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com