Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3SBA20 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # D3SBA20
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

D3SBA20 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  D3SBA20 Datasheet HTML 1Page - EIC discrete Semiconductors D3SBA20 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D3SBA10 ~ D3SBA80
SILICON BRIDGE RECTIFIER
PRV : 100 ~ 800 Volts
Io : 4.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
* Very good heat dissipation
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 4.28 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
0.303 (7.7)
0.287 (7.3)
0.075 (1.9)
0.060 (1.5)
0.043 (1.1)
0.035 (0.9)
~
~
+
0.150 (3.8)
0.134 (3.4)
0.996 (25.3)
0.972 (24.7)
C3
0.189 (4.8)
0.173 (4.4)
0.032 (0.8)
0.043 (1.1)
0.114 (2.9)
0.098 (2.5)
SYMBOL
D3SBA
10
D3SBA
20
D3SBA
40
D3SBA
60
D3SBA
80
UNIT
Maximum Reverse VoltageVRM
100
200
400
600
800V
Maximum Average Forward Current
4 (With heatsink, Tc = 108
°C)
(50Hz Sine wave, R-load)
2.3 (Without heatsink, Ta = 25
°C)
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle, Sinwave, Single Shot )
Current Squared Time at 1ms
≤ t < 10 ms, Tc=25
°C
I
2t
32
A
2S
Maximum Forward Voltage per Diode at I F = 2.0 A.VF
1.05V
Maximum DC Reverse Current, VR=VRM
( Pulse measurement, Rating of per diode)
Maximum Thermal Resistance, Junction to case
R
θJC
5.5 (With heatsink)
°C/W
Maximum Thermal Resistance, Junction to Ambient
R
θJA
30 (Without heatsink)
°C/W
Operating Junction Temperature RangeTJ
150
°C
Storage Temperature RangeTSTG
- 40 to + 150
°C
Page 1 of 2
Rev. 02 : March 25, 2005
A
A
IR
10
µA
RATING
IF(AV)
IFSM
80
* Pb / RoHS Free


Similar Part No. - D3SBA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SBA20 SHINDENGEN-D3SBA20 Datasheet
307Kb / 6P
   General Purpose Rectifiers SIL Bridges
logo
New Jersey Semi-Conduct...
D3SBA20 NJSEMI-D3SBA20 Datasheet
151Kb / 2P
   SILICON BRIDGE RECTIFIER
More results

Similar Description - D3SBA20

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com