Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EZ75D10 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 3EZ75D10
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

3EZ75D10 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  3EZ75D10 Datasheet HTML 1Page - EIC discrete Semiconductors 3EZ75D10 Datasheet HTML 2Page - EIC discrete Semiconductors 3EZ75D10 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3EZ110D10
110
6.8
225
4000
0.25
0.5
83.6
25
3EZ120D10
120
6.3
300
4500
0.25
0.5
91.2
22
3EZ130D10
130
5.8
375
5000
0.25
0.5
98.8
21
3EZ140D10
140
5.3
475
5000
0.25
0.5
106.4
19
3EZ150D10
150
5.0
550
6000
0.25
0.5
114.0
18
3EZ160D10
160
4.7
625
6500
0.25
0.5
121.6
17
3EZ170D10
170
4.4
650
7000
0.25
0.5
130.4
16
3EZ180D10
180
4.2
700
7000
0.25
0.5
136.8
15
3EZ190D10
190
4.0
800
8000
0.25
0.5
144.8
14
3EZ200D10
200
3.7
875
8000
0.25
0.5
152.0
13
3EZ220D10
220
3.4
1600
9000
0.25
1.0
167.0
12
3EZ240D10
240
3.1
1700
9000
0.25
1.0
182.0
11
3EZ270D10
270
2.8
1800
9000
0.25
1.0
205.0
10
3EZ300D10
300
2.5
1900
9000
0.25
1.0
228.0
9
3EZ330D10
330
2.3
2200
9000
0.25
1.0
251.0
8
3EZ360D10
360
2.1
2700
9000
0.25
1.0
274.0
8
3EZ400D10
400
1.9
3500
9000
0.25
1.0
304.0
7
Note :
( 1 ) Suffix " 10 " indicates
± 10% tolerance, suffix " 5 " indicates ± 5% tolerance.
( 2 ) " EZ " will be omitted in marking on the diode
Page 3 of 3
Rev. 02 : April 1, 2005


Similar Part No. - 3EZ75D10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ75D10 EIC-3EZ75D10 Datasheet
158Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 3EZ75D10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com