Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C4V3 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BZV55C4V3
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZV55C4V3 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZV55C4V3 Datasheet HTML 1Page - EIC discrete Semiconductors BZV55C4V3 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C unless otherwise noted)
Zener Voltage
Maximum Zener
Maximum Reverse
Temp. coefficient
Type
VZ @ IZT
Impedance , f = 1kHz
Leakage Current
of Zener Voltage
Nom
1)
IZT
ZZT @ IZT
ZZk @ IZK
IZK
IR
at VR
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
BZV55C2V4
2.4
5
100
600
1
50
1
-0.08...-0.06
BZV55C2V7
2.7
5
100
600
1
20
1
-0.08...-0.06
BZV55C3V0
3.0
5
95
600
1
10
1
-0.08...-0.05
BZV55C3V3
3.3
5
95
600
1
5
1
-0.08...-0.05
BZV55C3V6
3.6
5
90
600
1
5
1
-0.08...-0.04
BZV55C3V9
3.9
5
90
600
1
3
1
-0.07...-0.03
BZV55C4V3
4.3
5
90
600
1
3
1
-0.04...-0.01
BZV55C4V7
4.7
5
80
500
1
3
2
-0.03...+0.01
BZV55C5V1
5.1
5
60
480
1
2
2
-0.02...+0.05
BZV55C5V6
5.6
5
40
400
1
1
2
-0.01...+0.06
BZV55C6V2
6.2
5
10
150
1
3
4
0.00...0.07
BZV55C6V8
6.8
5
15
80
1
2
4
0.01...0.08
BZV55C7V5
7.5
5
15
80
1
1
5
0.01...0.09
BZV55C8V2
8.2
5
15
80
1
0.7
5
0.01...0.09
BZV55C9V1
9.1
5
15
100
1
0.5
6
0.02...0.10
BZV55C10
10
5
20
150
1
0.2
7
0.03...0.11
BZV55C11
11
5
20
150
1
0.1
8
0.03...0.11
BZV55C12
12
5
25
150
1
0.1
8
0.03...0.11
BZV55C13
13
5
30
170
1
0.1
8
0.03...0.11
BZV55C15
15
5
30
200
1
0.05
10
0.03...0.11
BZV55C16
16
5
40
200
1
0.05
11
0.03...0.11
BZV55C18
18
5
45
225
1
0.05
13
0.03...0.11
BZV55C20
20
5
55
225
1
0.05
14
0.03...0.11
BZV55C22
22
5
55
250
1
0.05
15
0.03...0.11
BZV55C24
24
5
70
250
1
0.05
17
0.04...0.12
BZV55C27
27
2
80
300
0.5
0.05
19
0.04...0.12
BZV55C30
30
2
80
300
0.5
0.05
21
0.04...0.12
BZV55C33
33
2
80
325
0.5
0.05
23
0.04...0.12
BZV55C36
36
2
90
350
0.5
0.05
25
0.04...0.12
BZV55C39
39
2
130
350
0.5
0.05
27
0.04...0.12
BZV55C43
43
2
150
375
0.5
0.05
30
0.04...0.12
BZV55C47
47
2
170
375
0.5
0.05
33
0.04...0.12
BZV55C51
51
2
180
400
0.5
0.05
36
0.04...0.12
BZV55C56
56
2
200
425
0.5
0.05
39
0.1 (typ.)
BZV55C62
62
2
215
450
0.5
0.05
43
0.1 (typ.)
BZV55C68
68
2
240
475
0.5
0.05
48
0.1 (typ.)
BZV55C75
75
2
255
500
0.5
0.05
53
0.1 (typ.)
Notes : 1) Tested with pulses tp = 5 ms
2) Valid Provided that leads are kept at ambient temperature.
3) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%.
For
± 2% tolerance altered the sixth letter of type from "C" to be "B"
Page 2 of 2
Rev. 02 : March 25, 2005
α
vz(% / °C)


Similar Part No. - BZV55C4V3

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C4V3 CDI-DIODE-BZV55C4V3 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Continental Device Indi...
BZV55C4V3 CDIL-BZV55C4V3 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C4V3 CENTRAL-BZV55C4V3 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Micro Commercial Compon...
BZV55C4V3 MCC-BZV55C4V3 Datasheet
661Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
logo
Taiwan Semiconductor Co...
BZV55C4V3 TSC-BZV55C4V3 Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZV55C4V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com