Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD16M64D8H Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M64D8H
Description  Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M64D8H Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HSD16M64D8H Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD16M64D8H Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HSD16M64D8H
URL:www.hbe.co.kr
- 10 -
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
Rear View
ORDERING INFORMATION
Part Number
Density
Org.
Package
Ref.
Vcc
MODE
MAX.frq
HSD16M64D8H-13
128Byte
16M x 64
168 Pin-DIMM
4K
3.3V
SDRAM
CL3
133MHz
HSD16M64D8H-10L
128Byte
16M x 64
168 Pin-DIMM
4K
3.3V
SDRAM
CL3
100MHz
HSD16M64D8H-10
128Byte
16M x 64
168 Pin-DIMM
4K
3.3V
SDRAM
CL2
100MHz


Similar Part No. - HSD16M64D8H

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-10 HANBIT-HSD16M64D8A-10 Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-10L HANBIT-HSD16M64D8A-10L Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-12 HANBIT-HSD16M64D8A-12 Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-13 HANBIT-HSD16M64D8A-13 Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M64D8H

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com