Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABR2506W Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ABR2506W
Description  AVALANCHE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ABR2506W Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ABR2506W Datasheet HTML 1Page - EIC discrete Semiconductors ABR2506W Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( ABR2500W - ABR2510W )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005
40
30
20
10
50
100
10
1.0
240
0
300
0
180
120
60
0.1
10
80
0.01
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse Width = 300
µs
1 % Duty Cycle
8ms SINGLE HALF SINE WAVE
JEDEC METHOD
TJ = 55
°C
TJ = 100
°C
TJ = 25
°C
HEAT-SINK MOUNTING, Tc
5"x6"x4.9" THK
(12.8cm x 15.2cm x 12.4cm)
Al. Finned Plate


Similar Part No. - ABR2506W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ABR2506 EIC-ABR2506 Datasheet
44Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
ABR2506 EIC-ABR2506 Datasheet
80Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
Rev. 03:November 20, 2008
More results

Similar Description - ABR2506W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ABR1000 EIC-ABR1000 Datasheet
31Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
AKBP200 EIC-AKBP200 Datasheet
19Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
ABR3500W EIC-ABR3500W Datasheet
41Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
ABR5000W EIC-ABR5000W Datasheet
41Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
ABR800 EIC-ABR800_5 Datasheet
45Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
AKBLP200 EIC-AKBLP200 Datasheet
103Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
logo
Semikron International
SKBAB500C1500 SEMIKRON-SKBAB500C1500 Datasheet
279Kb / 3P
   Avalanche Bridge Rectifiers
logo
EIC discrete Semiconduc...
ABR5000 EIC-ABR5000_05 Datasheet
66Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
AKBL400 EIC-AKBL400 Datasheet
19Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
ABR800 EIC-ABR800 Datasheet
18Kb / 2P
   AVALANCHE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com