Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD16M32F4V Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M32F4V
Description  Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M32F4V Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HSD16M32F4V Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M32F4V Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HANBit
HSD16M32F4V/VA
URL: www.hbe.co.kr
5
HANBit Electronics Co.,Ltd
REV 1.0 (August.2002).
ICC2NS
CKE
≥ VIH(min)
CLK
≤ VIL(max), tCC=∞
Input signals are stable
28
ICC3P
CKE
≤ VIL(max), tCC=10ns
20
Active
standby
current
in
power-down mode
ICC3PS
CKE&CLK
≤ VIL(max)
tCC=
20
mA
ICC3N
CKE
≥VIH(min),
CS*
≥VIH(min), tCC=10ns
Input signals are changed
one time during 20ns
120
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE
≥VIH(min)
CLK
≤VIL(max), tCC=∞
Input signals are stable
80
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
600
580
500
500
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
880
880
840
840
mA
2
4
mA
Self refresh current
ICC6
CKE
≤ 0.2V
3200
mA
Notes :
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
AC OPERATING TEST CONDITIONS
(vcc = 3.3V
± 0.3V, TA = 0 to 70° C)
PARAMETER
Value
UNIT
AC Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
Ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2


Similar Part No. - HSD16M32F4V

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD16M32F4VP-10L HANBIT-HSD16M32F4VP-10L Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M32F4V

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD16M32M4V HANBIT-HSD16M32M4V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) 72-Pin SIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M32M4V HANBIT-HSD8M32M4V Datasheet
89Kb / 10P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) 72pin-SIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com