Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD16M32D4-10L Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M32D4-10L
Description  Synchronous DRAM Module 64Mbyte(16Mx32-Bit), 100pin DIMM, 4Banks, 8K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M32D4-10L Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HSD16M32D4-10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD16M32D4-10L Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HSD16M32D4
www.hbe.co.kr
10
HANBit Electronics Co.,Ltd.
PACKAGING INFORMATION
Unit : mm
Tolerances :
± 0.20 mm
PCB Thickness: 1.27mm
± 0.10mm
ORDERING INFORMATION
Part Number
Density
Org.
Package
Ref.
Vcc
MODE
MAX. frq
HSD16M32D4-10
64MByte
16M x 32
100 Pin-DIMM
8K
3.3V
SDRAM
CL2
100MHz
HSD16M32D4-10L
64MByte
16M x 32
100 Pin
8K
3.3V
SDRAM
CL3
100MHz
HSD16M32D4-12
64MByte
16M x 32
100 Pin
8K
3.3V
SDRAM
CL3
125MHz
HSD16M32D4-13
64MByte
16M x 32
100 Pin
8K
3.3V
SDRAM
CL 3
133MHz


Similar Part No. - HSD16M32D4-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4V-10 HANBIT-HSD16M32F4V-10 Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4V-10L HANBIT-HSD16M32F4V-10L Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4V-12 HANBIT-HSD16M32F4V-12 Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4V-13 HANBIT-HSD16M32F4V-13 Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M32D4-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD32M64B8A HANBIT-HSD32M64B8A Datasheet
91Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx64Bit), SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD64M64B8W HANBIT-HSD64M64B8W Datasheet
85Kb / 10P
   Synchronous DRAM Module 512Mbyte(64Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com