Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6270AL Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N6270AL
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N6270AL Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N6270AL Datasheet HTML 1Page - EIC discrete Semiconductors 1N6270AL Datasheet HTML 2Page - EIC discrete Semiconductors 1N6270AL Datasheet HTML 3Page - EIC discrete Semiconductors 1N6270AL Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
μA)
(A)
(V)
(% /
°C)
1N6267L
6.12
7.48
10
5.50
1000
139
10.8
0.057
1N6267AL
6.45
7.14
10
5.80
1000
143
10.5
0.057
1N6268L
6.75
8.25
10
6.05
500
128
11.7
0.061
1N6268AL
7.13
7.88
10
6.40
500
132
11.3
0.061
1N6269L
7.38
9.02
10
6.63
200
120
12.5
0.065
1N6269AL
7.79
8.61
10
7.02
200
124
12.1
0.065
1N6270L
8.19
10.0
1.0
7.37
50
109
13.8
0.068
1N6270AL
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1N6271L
9.00
11.0
1.0
8.10
10
100
15.0
0.073
1N6271AL
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1N6272L
9.90
12.1
1.0
8.92
5.0
93.0
16.2
0.075
1N6272AL
10.5
11.6
1.0
9.40
5.0
96.0
15.6
0.075
1N6273L
10.8
13.2
1.0
9.72
5.0
87.0
17.3
0.078
1N6273AL
11.4
12.6
1.0
10.2
5.0
90.0
16.7
0.078
1N6274L
11.7
14.3
1.0
10.5
5.0
79.0
19.0
0.081
1N6274AL
12.4
13.7
1.0
11.1
5.0
82.0
18.2
0.081
1N6275L
13.5
16.5
1.0
12.1
5.0
68.0
22.0
0.084
1N6275AL
14.3
15.8
1.0
12.8
5.0
71.0
21.2
0.084
1N6276L
14.4
17.6
1.0
12.9
5.0
64.0
23.5
0.086
1N6276AL
15.2
16.8
1.0
13.6
5.0
67.0
22.5
0.086
1N6277L
16.2
19.8
1.0
14.5
5.0
56.5
26.5
0.088
1N6277AL
17.1
18.9
1.0
15.3
5.0
59.5
25.2
0.088
1N6278L
18.0
22.0
1.0
16.2
5.0
51.5
29.1
0.090
1N6278AL
19.0
21.0
1.0
17.1
5.0
54.0
27.7
0.090
1N6279L
19.8
24.2
1.0
17.8
5.0
47.0
31.9
0.092
1N6279AL
20.9
23.1
1.0
18.8
5.0
49.0
30.6
0.092
1N6280L
21.6
26.4
1.0
19.4
5.0
43.0
34.7
0.094
1N6280AL
22.8
25.2
1.0
20.5
5.0
45.0
33.2
0.094
1N6281L
24.3
29.7
1.0
21.8
5.0
38.5
39.1
0.096
1N6281AL
25.7
28.4
1.0
23.1
5.0
40.0
37.5
0.096
1N6282L
27.0
33.0
1.0
24.3
5.0
34.5
43.5
0.097
1N6282AL
28.5
31.5
1.0
25.6
5.0
36.0
41.4
0.097
1N6283L
29.7
36.3
1.0
26.8
5.0
31.5
47.7
0.098
1N6283AL
31.4
34.7
1.0
28.2
5.0
33.0
45.7
0.098
1N6284L
32.4
39.6
1.0
29.1
5.0
29.0
52.0
0.099
1N6284AL
34.2
37.8
1.0
30.8
5.0
30.0
49.9
0.099
1N6285L
35.1
42.9
1.0
31.6
5.0
26.5
56.4
0.100
1N6285AL
37.1
41.0
1.0
33.3
5.0
28.0
53.9
0.100
1N6286L
38.7
47.3
1.0
34.8
5.0
24.0
61.9
0.101
1N6286AL
40.9
45.2
1.0
36.8
5.0
25.3
59.3
0.101
1N6287L
42.3
51.7
1.0
38.1
5.0
22.2
67.8
0.101
1N6287AL
44.7
49.4
1.0
40.2
5.0
23.2
64.8
0.101
1N6288L
45.9
56.1
1.0
41.3
5.0
20.4
73.5
0.102
1N6288AL
48.5
53.6
1.0
43.6
5.0
21.4
70.1
0.102
Page 2 of 4
Rev. 03 : March 31, 2005
TYPE


Similar Part No. - 1N6270AL

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
1N6270A FS-1N6270A Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Transys Electronics
1N6270A TRSYS-1N6270A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6270A DAESAN-1N6270A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6270A LUGUANG-1N6270A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
DAESAN ELECTRONIC CORP.
1N6270A DAESAN-1N6270A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6270AL

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com