Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMPA2155DS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TMPA2155DS
Description  2.7W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMPA2155DS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TMPA2155DS Datasheet HTML 1Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 2Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 3Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 4Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 5Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 6Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 7Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 8Page - List of Unclassifed Manufacturers TMPA2155DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Tai-1 Microelectronics
Preliminary
TMPA2155DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.1.0
June 27, 2006
Copyright
©2005, Tai-1 Microelectronics Corp.
4
OPERATING CHARACTERISTICS
TA=25。C, RL=8Ω speaker (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP MAX
UNIT
RL=8
Ω
1.5
W
RL=4
Ω
2.3
W
PO
Output power / Ch
(Limited by thermal condition)
RL=3
Ω
VDD=AVDD=5V.
THD+N=10%,f=1kHz.
2.7
W
VDD=AVDD=5V, PO=0.85W, RL=8Ω, f=1kHz
0.55
VDD=AVDD=5V, PO=1.3W, RL=4Ω, f=1kHz
0.55
THD+N
Total harmonic distortion plus noise
VDD=AVDD=5V, PO=1.5W, RL=3Ω, f=1kHz
0.64
%
SNR
Signal-to-noise ratio
VDD=AVDD=5V, PO=1W, RL=
95
dB
Crosstalk
Crosstalk between outputs
VDD=AVDD=5V, PO=1W RL=8Ω
-68
dB
TERMINAL FUNCTIONS
TERMINAL
NAME
PIN NO
I/O
DESCRIPTION
AGND
15
-
Analog ground
AVDD
16
-
Analog Power supply
CAP
14
I
Capacitance for power up delay
GND
11,20
-
Digital ground
LINN
5
I
Negative input of left channel
LINP
4
I
Positive input of left channel
LOUTN
19
O
Negative output of left channel
LOUTP
1
O
Positive output of left channel
NC
3,8
-
No Connection
RINN
6
I
Negative input of right channel
RINP
7
I
Positive input of right channel
ROUTN
12
O
Negative output of right channel
ROUTP
10
O
Positive output of right channel
SDNB
17
I
Shutdown terminal (active low logic)
VDD
2,9,13,18
-
Digital Power supply
TYPICAL CHARACTERISTICS
Note 1. Input coupling 1
µF capacitors are used for all measurements.
2. Differential inputs are applied and BTL outputs are measured.
3. Balanced LC filter is used for THD+N measurement and power efficiency measurement.
4. Characteristic frequency of the LC filter is set 41KHz unless otherwise specified.
PDF created with pdfFactory trial version www.pdffactory.com


Similar Part No. - TMPA2155DS

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM Datasheet
233Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TMPA2155DS

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
   2.7W Boosted Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA218DS ETC2-TMPA218DS Datasheet
218Kb / 13P
   3.5W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2156D2 ETC1-TMPA2156D2 Datasheet
222Kb / 13P
   0.73W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Power Analog Micoelectr...
PAM8404 PAM-PAM8404 Datasheet
347Kb / 18P
   3W/CH Filterless Stereo Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com